Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 63Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 64Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 65Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 66Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 67Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 68Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 64 of 68
26. RF Characteristics
Notes
19. Exceptions F/3 & 5C/3.
20. When using an external switching regulator to power the radio, care must be taken to keep the switching frequency well away from the IF frequency of 1MHz.
Table 26-1. Radio Parameters
Parameter Description
Conditions
Min
Typ
Max
Unit
RF Frequency Range
Subject to regulation
2.400
2.497
GHz
Receiver (T = 25°C, VCC = 3.0V, fOSC = 12.000 MHz, BER < 10–3)
Sensitivity 125 kbps 64-8DR
BER 1E-3
–97
dBm
Sensitivity 250 kbps 32-8DR
BER 1E-3
–93
dBm
Sensitivity
CER 1E-3
–80
–87
dBm
Sensitivity GFSK
BER 1E-3, ALL SLOW = 1
–84
dBm
LNA Gain
22.8
dB
ATT Gain
–31.7
dB
Maximum Received Signal
LNA On
–15
–6
dBm
RSSI Value for PWRin –60 dBm
LNA On
21
Count
RSSI Slope
1.9
dB/Count
Interference Performance (CER 1E-3)
Co-channel Interference rejection
Carrier-to-Interference (C/I)
C = –60 dBm,
9
dB
Adjacent (±1 MHz) Channel Selectivity C/I 1 MHz
C = –60 dBm
3
dB
Adjacent (±2 MHz) Channel Selectivity C/I 2 MHz
C = –60 dBm
–30
dB
Adjacent (> 3 MHz) Channel Selectivity C/I > 3 MHz
C = –67 dBm
–38
dB
Out-of-Band Blocking 30 MHz–12.75 MHz[19]
C = –67 dBm
–30
dBm
Intermodulation
C = –64 dBm,
Δf = 5,10 MHz
–36
dBm
Receive Spurious Emission
800 MHz
100 kHz ResBW
–79
dBm
1.6 GHz
100 kHz ResBW
–71
dBm
3.2 GHz
100 kHz ResBW
–65
dBm
Transmitter (T = 25°C, VCC = 3.0V, fOSC = 12.000 MHz)
Maximum RF Transmit Power
PA = 7
+2
4
+6
dBm
Maximum RF Transmit Power
PA = 6
–2
0
+2
dBm
Maximum RF Transmit Power
PA = 5
–7
–5
–3
dBm
Maximum RF Transmit Power
PA = 0
–35
dBm
RF Power Control Range
39
dB
RF Power Range Control Step Size
seven steps, monotonic
5.6
dB
Frequency Deviation Min
PN Code Pattern 10101010
270
kHz
Frequency Deviation Max
PN Code Pattern 11110000
323
kHz
Error Vector Magnitude (FSK error)
>0 dBm
10
%rms
Occupied Bandwidth
–6 dBc, 100 kHz ResBW
500
876
kHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com