Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 25Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 26Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 30Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 29 of 68
Figure 15-2. Programmable Interval Timer Block Diagram
15.2.3 Internal Clock Trim
S yste m
Clo c k
C lo ck
Tim e r
C onfig uratio n
S tatus an d
Co n tro l
12 -b it
re lo a d
va lu e
12 -b it d o w n
co u n te r
12 -b it
re lo a d
cou n te r
In te rru p t
C o n tro lle r
Table 15-5. IOSC Trim (IOSCTR) [0x34] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
foffset[2:0]
Gain[4:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
D
D
D
D
D
The IOSC Calibrate register is used to calibrate the internal oscillator. The reset value is undefined but during boot the SROM
writes a calibration value that is determined during manufacturing test. The ‘D’ indicates that the default value is trimmed to
24 MHz at 3.30V at power on.
Bits 7:5
foffset [2:0]
This value is used to trim the frequency of the internal oscillator. These bits are not used in factory calibration and
are zero. Setting each of these bits causes the appropriate fine offset in oscillator frequency:
foffset bit 0 = 7.5 kHz
foffset bit 1 = 15 kHz
foffset bit 2 = 30 kHz
Bits 4:0
Gain [4:0]
The effective frequency change of the offset input is controlled through the gain input. A lower value of the gain
setting increases the gain of the offset input. This value sets the size of each offset step for the internal oscillator.
Nominal gain change (kHz/offsetStep) at each bit, typical conditions (24 MHz operation):
Gain bit 0 = –1.5 kHz
Gain bit 1 = –3.0 kHz
Gain bit 2 = –6 kHz
Gain bit 4 = –24 kHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com