Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 16 of 68
12.5 Destination Indexed
The result of an instruction using this addressing mode is placed
within either the RAM memory space or the register space.
Operand 1 is added to the X register forming the address that
points to the location of the result. The source for the instruction
is the A register. Arithmetic instructions require two sources; the
second source is the location specified by Operand 1 added with
the X register. Instructions using this addressing mode are two
bytes in length.
Example
12.6 Destination Direct Source Immediate
The result of an instruction using this addressing mode is placed
within either the RAM memory space or the register space.
Operand 1 is the address of the result. The source for the
instruction is Operand 2, which is an immediate value. Arithmetic
instructions require two sources; the second source is the
location specified by Operand 1. Instructions using this
addressing mode are three bytes in length.
Examples
12.7 Destination Indexed Source Immediate
The result of an instruction using this addressing mode is placed
within either the RAM memory space or the register space.
Operand 1 is added to the X register to form the address of the
result. The source for the instruction is Operand 2, which is an
immediate value. Arithmetic instructions require two sources; the
second source is the location specified by Operand 1 added with
the X register. Instructions using this addressing mode are three
bytes in length.
Examples
12.8 Destination Direct Source Direct
The result of an instruction using this addressing mode is placed
within the RAM memory. Operand 1 is the address of the result.
Operand 2 is an address that points to a location in the RAM
memory that is the source for the instruction. This addressing
mode is only valid on the MOV instruction. The instruction using
this addressing mode is three bytes in length.
Example
Table 12-5. Destination Indexed
Opcode
Operand 1
Instruction
Destination Index
ADD
[X+7],
A In this case, the value in the memory
location at address X+7 is added with
the Accumulator, and the result is
placed in the memory location at
address x+7. The Accumulator is
unchanged.
Table 12-6. Destination Direct Source Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Address
Immediate Value
ADD
[7],
5 In this case, value in the memory
location at address 7 is added to the
immediate value of 5, and the result is
placed in the memory location at
address 7.
MOV REG[8],
6 In this case, the immediate value of 6
is moved into the register space
location at address 8.
Table 12-7. Destination Indexed Source Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Index
Immediate Value
ADD
[X+7],
5
In this case, the value in the
memory location at address X+7
is added with the immediate
value of 5 and the result is placed
in the memory location at
address X+7.
MOV
REG[X+8],
6
In this case, the immediate value
of 6 is moved into the location in
the register space at address
X+8.
Table 12-8. Destination Direct Source Direct
Opcode
Operand 1
Operand 2
Instruction
Destination Address
Source Address
MOV
[7],
[8] In this case, the value in the memory
location at address 8 is moved to the
memory location at address 7.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com