Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 37Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 40Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 43Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 44Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 41 of 68
Table 19-9. P1.2 Configuration (P12CR) [0x0F] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
CLK Output
Int Enable
Int Act Low
TTL
Threshold
Reserved
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
R/W
R/W
–R/W
R/W
R/W
Default
0
0
0
0
00
0
0
This register controls the operation of the P1.2.
Bit 7
CLK Output
0 = The internally selected clock is not sent out onto P1.2 pin.
1 = When CLK Output is set, the internally selected clock is sent out onto P1.2 pin.
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
see Section 19.2.4
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
Table 19-10. P1.3 Configuration (P13CR) [0x10] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
Read/Write
–
R/W
R/W
–R/W
R/W
R/W
R/W
Default
0
0
0
000
0
0
This register controls the operation of the P1.3 pin.
The P1.3 GPIO’s threshold is always set to TTL.
When the SPI hardware is enabled, the output enable and output state of the pin is controlled by the SPI circuitry. When the SPI
hardware is disabled, the pin is controlled by the Output Enable bit and the corresponding bit in the P1 data register.
Regardless of whether the pin is used as an SPI or GPIO pin the Int Enable, Int act Low, High Sink, Open Drain, and Pull up
Enable control the behavior of the pin.
50 mA sink drive capability is available.
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
see Section 19.2.4
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com