Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 59Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 57 of 68
22. Radio Function Register Summary
All registers are read and writable, except where noted. Registers may be written to or read from either individually or in sequential
groups. A single-byte read or write reads or writes from the addressed register. Incrementing burst read and write is a sequence that
begins with an address, and then reads or writes to/from each register in address order for as long as clocking continues. It is possible
to repeatedly read (poll) a single register using a nonincrementing burst read.
Notes
4. b = read/write; r = read only; w = write only; ‘-’ = not used, default value is undefined.
5. SOP_CODE_ADR default = 0x17FF9E213690C782.
6. DATA_CODE_ADR default = 0x02F9939702FA5CE3012BF1DB0132BE6F.
7. PREAMBLE_ADR default = 0x333302;The count value must be great than 4 for DDR and greater than 8 for SDR
8. Registers must be configured or accessed only when the radio is in IDLE or SLEEP mode.The PMU, GPIOs, RSSI registers can be accessed in Active Tx and Rx mode.
9. EOP_CTRL_ADR[6:4] must never have the value of “000” i.e. EOP Hint Symbol count must never be “0”
10. PFET Bit: Setting this bit to "1" disables the FET, therefore safely allowing Vbat to be connected to a separate reference from Vcc when the PMU is disabled to the radio.om Vcc when the
PMU is disabled to the radio.
Address
Mnemonic
b7
b6
b5
b4
b3
b2
b1
b0
Default[4]
Access[4]
0x00
CHANNEL_ADR
Not Used
Channel
-1001000
-bbbbbbb
0x01
TX_LENGTH_ADR
TX Length
00000000
bbbbbbbb
0x02
TX_CTRL_ADR
TX GO
TX CLR
TXB15
IRQEN
TXB8
IRQEN
TXB0
IRQEN
TXBERR
IRQEN
TXC
IRQEN
TXE
IRQEN
00000011
bbbbbbbb
0x03
TX_CFG_ADR
Not Used
Not Used
DATA CODE
LENGTH
DATA MODE
PA SETTING
--000101
--bbbbbb
0x04
TX_IRQ_STATUS_ADR
OS
IRQ
LV
IRQ
TXB15
IRQ
TXB8
IRQ
TXB0
IRQ
TXBERR
IRQ
TXC
IRQ
TXE
IRQ
--------
rrrrrrrr
0x05
RX_CTRL_ADR
RX GO
RSVD
RXB16
IRQEN
RXB8
IRQEN
RXB1
IRQEN
RXBERR
IRQEN
RXC
IRQEN
RXE
IRQEN
00000111
bbbbbbbb
0x06
RX_CFG_ADR
AGC EN
LNA
ATT
HILO
FASTTURN
EN
Not Used
RXOW EN
VLD EN
10010-10
bbbbb-bb
0x07
RX_IRQ_STATUS_ADR
RXOW
IRQ
SOPDET
IRQ
RXB16
IRQ
RXB8
IRQ
RXB1
IRQ
RXBERR
IRQ
RXC
IRQ
RXE
IRQ
--------
brrrrrrr
0x08
RX_STATUS_ADR
RX ACK
PKT ERR
EOP ERR
CRC0
Bad CRC
RX Code
RX Data Mode
--------
rrrrrrrr
0x09
RX_COUNT_ADR
RX Count
00000000
rrrrrrrr
0x0A
RX_LENGTH_ADR
RX Length
00000000
rrrrrrrr
0x0B
PWR_CTRL_ADR
PMU EN
LVIRQ EN
PMU Mode
Force
PFET
disable
[10.]
LVI TH
PMU OUTV
10100000
bbb-bbbb
0x0C
XTAL_CTRL_ADR
XOUT FN
XSIRQ EN
Not Used
Not Used
FREQ
000--100
bbb--bbb
0x0D
IO_CFG_ADR
IRQ OD
IRQ POL
MISO OD
XOUT OD
PACTL OD PACTL GPIO
SPI 3PIN
IRQ GPIO
00000000
bbbbbbbb
0x0E
GPIO_CTRL_ADR
XOUT OP
MISO OP
PACTL OP
IRQ OP
XOUT IP
MISO IP
PACTL IP
IRQ IP
0000----
bbbbrrrr
0x0F
XACT_CFG_ADR
ACK EN
Not Used
FRC END
END STATE
ACK TO
1-000000
b-bbbbbb
0x10
FRAMING_CFG_ADR
SOP EN
SOP LEN
LEN EN
SOP TH
10100101
bbbbbbbb
0x11
DATA32_THOLD_ADR
Not Used
Not Used
Not Used
Not Used
TH32
----0100
----bbbb
0x12
DATA64_THOLD_ADR
Not Used
Not Used
Not Used
TH64
---01010
---bbbbb
0x13
RSSI_ADR
SOP
Not Used
LNA
RSSI
0-100000
r-rrrrrr
0x14
EOP_CTRL_ADR [9.]
HEN
HINT
EOP
10100100
bbbbbbbb
0x15
CRC_SEED_LSB_ADR
CRC SEED LSB
00000000
bbbbbbbb
0x16
CRC_SEED_MSB_ADR
CRC SEED MSB
00000000
bbbbbbbb
0x17
TX_CRC_LSB_ADR
CRC LSB
--------
rrrrrrrr
0x18
TX_CRC_MSB_ADR
CRC MSB
--------
rrrrrrrr
0x19
RX_CRC_LSB_ADR
CRC LSB
11111111
rrrrrrrr
0x1A
RX_CRC_MSB_ADR
CRC MSB
11111111
rrrrrrrr
0x1B
TX_OFFSET_LSB_ADR
STRIM LSB
00000000
bbbbbbbb
0x1C
TX_OFFSET_MSB_ADR
Not Used
Not Used
Not Used
Not Used
STRIM MSB
----0000
----bbbb
0x1D
MODE_OVERRIDE_ADR
RSVD
RSVD
FRC SEN
FRC AWAKE
Not Used
Not Used
RST
00000--0
wwwww--w
0x1E
RX_OVERRIDE_ADR
ACK RX
RXTX DLY
MAN RXACK
FRC
RXDR
DIS CRC0
DIS RXCRC
ACE
Not Used
0000000-
bbbbbbb-
0x1F
TX_OVERRIDE_ADR
ACK TX
FRC PRE
RSVD
MAN
TXACK
OVRD ACK DIS TXCRC
RSVD
TX INV
00000000
bbbbbbbb
0x26
XTAL_CFG_ADR
RSVD
RSVD
RSVD
RSVD
START DLY
RSVD
RSVD
RSVD
00000000
wwwwwww
w
0x27
CLK_OVERRIDE_ADR
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RXF
RSVD
00000000
wwwwwww
w
0x28
CLK_EN_ADR
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RXF
RSVD
00000000
wwwwwww
w
0x29
RX_ABORT_ADR
RSVD
RSVD
ABORT EN
RSVD
RSVD
RSVD
RSVD
RSVD
00000000
wwwwwww
w
0x32
AUTO_CAL_TIME_ADR
AUTO_CAL_TIME
00000011
wwwwwww
w
0x35
AUTO_CAL_OFFSET_ADR
AUTO_CAL_OFFSET
00000000
wwwwwww
w
0x39
ANALOG_CTRL_ADR
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RX INV
ALL SLOW
00000000
wwwwwww
w
Register Files
0x20
TX_BUFFER_ADR
TX Buffer File
--------
wwwwwww
w
0x21
RX_BUFFER_ADR
RX Buffer File
--------
rrrrrrrr
0x22
SOP_CODE_ADR
SOP Code File
Note [5]
bbbbbbbb
0x23
DATA_CODE_ADR
Data Code File
Note [6]
bbbbbbbb
0x24
PREAMBLE_ADR
Preamble File
Note [7]
bbbbbbbb
0x25
MFG_ID_ADR
MFG ID File
NA
rrrrrrrr
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com