Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 59Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 58 of 68
23. Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature .................................... –40°C to +90°C
Ambient Temperature with Power Applied........ 0°C to +70°C
Supply Voltage on any power supply pin relative to VSS–f0.3V
to +3.9V
DC Voltage to Logic Inputs[11].................. –0.3V to VIO +0.3V
DC Voltage applied to Outputs
in High-Z State......................................... –0.3V to VIO +0.3V
Static Discharge Voltage (Digital)[12] ......................... >2000V
Static Discharge Voltage (RF)[12]................................ 1100V
Latch up Current......................................+200 mA, –200 mA
Ground Voltage.................................................................. 0V
FOSC (Crystal Frequency)........................... 12 MHz ±30 ppm
Notes
11. It is permissible to connect voltages above VIO to inputs through a series resistor limiting input current to 1 mA. AC timing not guaranteed.
12. Human Body Model (HBM).
13. VREG depends on battery input voltage.
14. Includes current drawn while starting crystal, starting synthesizer, transmitting packet (including SOP and CRC16), changing to receive mode, and receiving ACK
handshake. Device is in sleep except during this transaction.
24. DC Characteristics (T = 25°C)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VBAT
Battery Voltage
0–70
°C
1.8
3.6
V
VREG[13]
PMU Output Voltage
2.7V mode
2.7
2.73
V
VLVD
Low Voltage Detect
LVDCR [2:0] set to 000
2.69
2.7
2.72
V
LVDCR [2:0] set to 001
2.90
2.92
2.94
V
LVDCR [2:0] set to 010
3.00
3.02
3.04
V
LVDCR [2:0] set to 011
3.10
3.13
3.15
V
VIO
VIO Voltage
1.8
3.6
V
VCC
VCC Voltage
0–70
°C
2.4
3.6
V
Device Current (For total current consumption in different modes, for example Radio, active, MCU, and sleep, add Radio Function
Current and MCU Function Current)
ICC (GFSK)[14] Average ICC, 1 Mbps, slow channel
PA = 5, 2-way, 4 bytes/10 ms CPU
speed = 6 MHz
9.87
mA
ICC (32-8DR)[14] Average ICC, 250 kbps, fast channel
PA = 5, 2-way, 4 bytes/10 ms CPU
speed = 6 MHz
10.2
mA
ISB1
Sleep Mode ICC
VCC = 3.0V, MCU sleep, PMU
disabled
2.72
µA
ISB2
Sleep Mode ICC
VCC = 3.0V, MCU sleep, PMU enabled
30.4
µA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com