Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 23Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 24Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 25Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 26Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 23 of 68
14.5.6 EraseAll Function
The EraseAll function performs a series of steps that destroy the
user data in the Flash macros and resets the protection block in
each Flash macro to all zeros (the unprotected state). The
EraseAll function does not affect the three hidden blocks above
the protection block in each Flash macro. The first of these four
hidden blocks is used to store the protection table for its eight
Kbytes of user data.
The EraseAll function begins by erasing the user space of the
Flash macro with the highest address range. A bulk program of
all zeros is then performed on the same Flash macro, to destroy
all traces of the previous contents. The bulk program is followed
by a second erase that leaves the Flash macro in a state ready
for writing. The erase, program, erase sequence is then
performed on the next lowest Flash macro in the address space
if it exists. Following the erase of the user space, the protection
block for the Flash macro with the highest address range is
erased. Following the erase of the protection block, zeros are
written into every bit of the protection table. The next lowest
Flash macro in the address space then has its protection block
erased and filled with zeros.
The end result of the EraseAll function is that all user data in the
Flash is destroyed and the Flash is left in an unprogrammed
state, ready to accept one of the various write commands. The
protection bits for all user data are also reset to the zero state.
The parameter block values that must be set, besides the keys,
are the CLOCK and DELAY values.
14.5.7 TableRead Function
The TableRead function gives the user access to part specific
data stored in the Flash during manufacturing. It also returns a
Revision ID for the die (not to be confused with the Silicon ID).
The table space for the CYRF69103 is simply a 64 byte row
broken up into eight tables of eight bytes. The tables are
numbered zero through seven. All user and hidden blocks in the
CYRF69103 consist of 64 bytes.
An internal table holds the Silicon ID and returns the Revision ID.
The Silicon ID is returned in SRAM, while the Revision ID is
returned in the CPU_A and CPU_X registers. The Silicon ID is a
value placed in the table by programming the Flash and is
controlled by Cypress Semiconductor Product Engineering. The
Revision ID is hard coded into the SROM. The Revision ID is
discussed in more detail later in this section.
An internal table holds alternate trim values for the device and
returns a one-byte internal revision counter. The internal revision
counter starts out with a value of zero and is incremented each
time one of the other revision numbers is not incremented. It is
reset to zero each time one of the other revision numbers is
incremented. The internal revision count is returned in the
CPU_A register. The CPU_X register is always set to FFh when
trim values are read. The BLOCKID value, in the parameter
block, is used to indicate which table must be returned to the
user. Only the three least significant bits of the BLOCKID
parameter are used by the TableRead function for the
CYRF69103. The upper five bits are ignored. When the function
is called, it transfers bytes from the table to SRAM addresses
F8h–FFh.
The M8C’s A and X registers are used by the TableRead function
to return the die’s Revision ID. The Revision ID is a 16-bit value
hard coded into the SROM that uniquely identifies the die’s
design.
14.5.8 Checksum Function
The Checksum function calculates a 16-bit checksum over a
user specifiable number of blocks, within a single Flash macro
(Bank) starting from block zero. The BLOCKID parameter is
used to pass in the number of blocks to calculate the checksum
over. A BLOCKID value of 1 calculates the checksum of only
block 0, while a BLOCKID value of 0 calculates the checksum of
all 256 user blocks. The 16-bit checksum is returned in KEY1 and
KEY2. The parameter KEY1 holds the lower eight bits of the
checksum and the parameter KEY2 holds the upper eight bits of
the checksum.
The checksum algorithm executes the following sequence of
three instructions over the number of blocks times 64 to be
checksummed.
romx
add [KEY1], A
adc [KEY2], 0
Table 14-9. EraseAll Parameters
Name
Address
Description
KEY1
0,F8h
3Ah
KEY2
0,F9h
Stack Pointer value when SSC is
executed
CLOCK 0,FCh
Clock Divider used to set the write pulse
width
DELAY
0,FEh
For a CPU speed of 12 MHz set to 56h
Table 14-10. Table Read Parameters
Name
Address
Description
KEY1
0,F8h
3Ah
KEY2
0,F9h
Stack Pointer value when SSC is
executed
BLOCKID 0,FAh
Table number to read
Table 14-11. Checksum Parameters
Name
Address
Description
KEY1
0,F8h
3Ah
KEY2
0,F9h
Stack Pointer value when SSC is
executed
BLOCKID
0,FAh
Number of Flash blocks to calculate
checksum on
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com