Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 11 of 68
8.12 Low Noise Amplifier (LNA) and Received
Signal Strength Indication (RSSI)
The gain of the receiver may be controlled directly by clearing
the AGC EN bit and writing to the Low Noise Amplifier (LNA) bit
of the RX_CFG_ADR register. When the LNA bit is cleared, the
receiver gain is reduced by approximately 20 dB, allowing
accurate reception of very strong received signals (for example
when operating a receiver very close to the transmitter). An
additional 20 dB of receiver attenuation can be added by setting
the Attenuation (ATT) bit; this allows data reception to be limited
to devices at very short ranges. Disabling AGC and enabling
LNA is recommended unless receiving from a device using
external PA.
The RSSI register returns the relative signal strength of the
on-channel signal power.
When receiving, the device may be configured to automatically
measure and store the relative strength of the signal being
received as a 5-bit value. When enabled, an RSSI reading is
taken and may be read through the SPI interface. An RSSI
reading is taken automatically when the start of a packet is
detected. In addition, a new RSSI reading is taken every time the
previous reading is read from the RSSI register, allowing the
background RF energy level on any given channel to be easily
measured when RSSI is read when no signal is being received.
A new reading can occur as fast as once every 12
μs.
9. SPI Interface
The SPI interface between the MCU function and the radio
function is a 3-wire SPI Interface. The three pins are MOSI
(Master Out Slave In), SCK (Serial Clock), SS (Slave Select).
There is an alternate 4-wire MISO Interface that requires the
connection of two external pins. The SPI interface is controlled
by configuring the SPI Configure Register. (SPICR Addr: 0x3D).
9.1 3-Wire SPI Interface
The radio function receives a clock from the MCU function on the
SCK pin. The MOSI pin is multiplexed with the MISO pin. Bidirec-
tional data transfer takes place between the MCU function and
the radio function through this multiplexed MOSI pin. When using
this mode the user firmware must ensure that the MOSI pin on
the MCU function is in a high impedance state, except when the
MCU is actively transmitting data. Firmware must also control the
direction of data flow and switch directions between MCU
function and radio function by setting the SWAP bit [Bit 7] of the
SPI Configure Register. The SS pin is asserted before initiating
a data transfer between the MCU function and the radio function.
The IRQ function may be optionally multiplexed with the MOSI
pin; when this option is enabled the IRQ function is not available
while the SS pin is low. When using this configuration, user
firmware must ensure that the MOSI function on MCU function
is in a high-impedance state whenever SS is high.
Figure 9-1. 3-Wire SPI Mode
9.2 4-Wire SPI Interface
The 4-wire SPI communications interface consists of MOSI,
MISO, SCK, and SS.
The device receives SCK from the MCU function on the SCK pin.
Data from the MCU function is shifted in on the MOSI pin. Data
to the MCU function is shifted out on the MISO pin. The active
low SS pin must be asserted for the two functions to commu-
nicate. The IRQ function may be optionally multiplexed with the
MOSI pin; when this option is enabled the IRQ function is not
available while the SS pin is low. When using this configuration,
user firmware must ensure that the MOSI function on MCU
function is in a high-impedance state whenever SS is high.
Figure 9-2. 4-Wire SPI Mode
MCU Function
P1.5/MOSI
P1.4/SCK
P1.3/nSS
MOSI
SCK
nSS
Radio Function
MOSI/MISO multiplexed
on one MOSI pin
MCU Function
P1.5/MOSI
P1.4/SCK
P1.3/nSS
P1.6/MISO
MOSI
SCK
nSS
Radio Function
MISO
This connection is external to the PRoC LP Chip
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com