Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 10 of 68
The PMU also provides a configurable low battery detection
function which may be read over the SPI interface. One of seven
thresholds between 1.8V and 2.7V may be selected. The
interrupt pin may be configured to assert when the voltage on the
VBAT pin falls below the configured threshold. LV IRQ is not a
latched event. Battery monitoring is disabled when the device is
in sleep mode.
The following three figures show different examples of how to
use PRoC LP with and without the PMU. Figure 8-2. shows the
most common circuit making use of the PMU to boost battery
voltage up to 2.7V. Figure 8-3. is an example of the circuit used
when the supply voltage is always above 2.7V. This could be
three 1.5V battery cells in series along with a linear regulator, or
some similar power source. Figure 8-4. shows an example of
using the PRoC LP with its PMU disabled and an external boost
to supply power to the device. This might be required when the
load is much greater than the 15 mA average load that PRoC can
support.
Figure 8-2. PMU Enabled
Figure 8-3. PMU Disabled - Linear Regulator
Figure 8-4. PMU Disabled - External Boost Converter
PRoC LP
10 µF 6.3V
VCC
100 µF 10V
VBat
BAT400D
10 µH
VCC
VBat
0.047 µF
0.047 µF
0.047 µF
0.047 µF
0.047 µF
10 µF
6.3V
1 µF
6.3V
0.047µF
1 Ohm 1%
47 Ohm
VDD_MICRO
VDD
0.1µF
PRoC LP
VCC
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
VDD_MICRO
VDD
0.1µF
PRoC LP
VCC
VBat
0.047µF
0.047µF
0.047µF
0.047µF
0.047µF
10µF
6.3V
1µF
6.3V
0.047µF
1 Ohm 1%
47 Ohm
External DC-DC
Boost Converter
VDD_MICRO
VDD
0.1µF
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com