Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 15 of 68
12. Addressing Modes
Examples of the different addressing modes are discussed in
this section and example code is given.
12.1 Source Immediate
The result of an instruction using this addressing mode is placed
in the A register, the F register, the SP register, or the X register,
which is specified as part of the instruction opcode. Operand 1
is an immediate value that serves as a source for the instruction.
Arithmetic instructions require two sources. Instructions using
this addressing mode are two bytes in length.
Examples
12.2 Source Direct
The result of an instruction using this addressing mode is placed
in either the A register or the X register, which is specified as part
of the instruction opcode. Operand 1 is an address that points to
a location in either the RAM memory space or the register space
that is the source for the instruction. Arithmetic instructions
require two sources; the second source is the A register or X
register specified in the opcode. Instructions using this
addressing mode are two bytes in length.
Examples
12.3 Source Indexed
The result of an instruction using this addressing mode is placed
in either the A register or the X register, which is specified as part
of the instruction opcode. Operand 1 is added to the X register
forming an address that points to a location in either the RAM
memory space or the register space that is the source for the
instruction. Arithmetic instructions require two sources; the
second source is the A register or X register specified in the
opcode. Instructions using this addressing mode are two bytes
in length.
Examples
12.4 Destination Direct
The result of an instruction using this addressing mode is placed
within either the RAM memory space or the register space.
Operand 1 is an address that points to the location of the result.
The source for the instruction is either the A register or the X
register, which is specified as part of the instruction opcode.
Arithmetic instructions require two sources; the second source is
the location specified by Operand 1. Instructions using this
addressing mode are two bytes in length.
Examples
Table 12-1. Source Immediate
Opcode
Operand 1
Instruction
Immediate Value
ADD
A,
7 In this case, the immediate value of 7 is
added with the Accumulator, and the result
is placed in the Accumulator.
MOV
X,
8 In this case, the immediate value of 8 is
moved to the X register.
AND
F,
9 In this case, the immediate value of 9 is
logically ANDed with the F register and the
result is placed in the F register.
Table 12-2. Source Direct
Opcode
Operand 1
Instruction
Source Address
ADD
A,
[7]
In this case, the value in the RAM
memory location at address 7 is
added with the Accumulator, and the
result is placed in the Accumulator.
MOV
X,
REG[8] In this case, the value in the register
space at address 8 is moved to the X
register.
Table 12-3. Source Indexed
Opcode
Operand 1
Instruction
Source Index
ADD
A,
[X+7]
In this case, the value in the
memory location at address X + 7
is added with the Accumulator,
and the result is placed in the
Accumulator.
MOV
X,
REG[X+8] In this case, the value in the
register space at address X + 8 is
moved to the X register.
Table 12-4. Destination Direct
Opcode
Operand 1
Instruction
Destination Address
ADD
[7],
A
In this case, the value in the
memory location at address 7 is
added with the Accumulator, and
the result is placed in the memory
location at address 7. The
Accumulator is unchanged.
MOV
REG[8],
A
In this case, the Accumulator is
moved to the register space
location at address 8. The
Accumulator is unchanged.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com