Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 23Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 24Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 25Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 26Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 25 of 68
Trim values for the IOSCTR register:
The trim values are stored in SROM tables in the part as shown in Figure 15-1. on page 24.
The trim values are read out from the part based on voltage settings and written to the IOSCTR register at location 0x34. The following
pseudo code shows how this is done.
_main:
mov
A, 2
mov
[SSC_BLOCKID], A
Call SROM operation to read the SROM table (Refer to section SROM Table Read Description)
//After this command is executed, the trim values for 3.3, 3.0, 2.85 and 2.7 are stored at locations
FC through FF in the RAM. SROM calls are explained in the previous section of this datasheet
;
mov
A, [FCh]
// trim values for 3.3V
mov
A, [FDh]
// trim values for 3.0V
;
mov
A, [FEh]
// trim values for 2.85V
;
mov
A, [FFh]
// trim values for 2.70V
mov
reg[IOSCTR],A // Loading IOSCTR with trim values for 3.0V
.terminate:
jmp .terminate
15.1 SROM Table Read Description
The Silicon IDs for CYRF69103 devices are stored in SROM tables in the part, as shown in Figure 15-1. on page 24.
The Silicon ID can be read out from the part using SROM Table reads. This is demonstrated in the following pseudo code. As
mentioned in the section “SROM” on page 20, the SROM variables occupy address F8h through FFh in the SRAM. Each of the
variables and their definition in given in the section “SROM” on page 20.
AREA SSCParmBlkA(RAM,ABS)
org
F8h // Variables are defined starting at address F8h
SSC_KEY1:
; F8h
supervisory key
SSC_RETURNCODE:
blk 1 ; F8h
result code
SSC_KEY2 :
blk 1
;F9h
supervisory stack ptr key
SSC_BLOCKID:
blk 1 ; FAh
block ID
SSC_POINTER:
blk 1 ; FBh
pointer to data buffer
SSC_CLOCK:
blk 1 ; FCh
Clock
SSC_MODE:
blk 1 ; FDh
ClockW ClockE multiplier
SSC_DELAY:
blk 1 ; FEh
flash macro sequence delay count
SSC_WRITE_ResultCode: blk 1 ; FFh
temporary result code
_main:
mov
A, 0
mov
[SSC_BLOCKID], A// To read from Table 0 - Silicon ID is stored in Table 0
//Call SROM operation to read the SROM table
mov
X, SP
; copy SP into X
mov
A, X
; A temp stored in X
add
A, 3
; create 3 byte stack frame (2 + pushed A)
mov
[SSC_KEY2], A
; save stack frame for supervisory code
; load the supervisory code for flash operations
mov
[SSC_KEY1], 3Ah
;FLASH_OPER_KEY - 3Ah
mov
A,6
; load A with specific operation. 06h is the code for Table read Table
14-1 on page 20
SSC
; SSC call the supervisory ROM
// At the end of the SSC command the silicon ID is stored in F8 (MSB) and F9(LSB) of the SRAM
.terminate:
jmp .terminate
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com