Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 45Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 46Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 47Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 48Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 49Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 50Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 49 of 68
Figure 20-2. 16-Bit Free Running Counter Loading Timing Diagram
Table 20-6. Programmable Interval Reload High (PIRH) [0x29] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval[11:8]
Read/Write
--
--
--
--
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
Bits [7:4]
Reserved
Bits 3:0
Prog Interval [11:8]
This register holds the higher 4 bits of the timer. While writing into the 12-bit reload register, write lower byte first then the higher
nibble.
clk_sys
write
valid
addr
write data
FRT reload
ready
Clk Timer
12b Prog Timer
12b reload
interrupt
Capture timer
clk
16b free running
counter load
16b free
running counter
00A0 00A1 00A2 00A3 00A4 00A5 00A6 00A7 00A8 00A9 00AB 00AC 00AD 00AE 00AF 00B0 00B1 00B2 ACBE ACBF ACC0
16-bit free running counter loading timing
12-bit programmable timer load timing
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com