Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 63Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 64Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 65Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 66Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 67Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 68Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 65 of 68
Transmit Spurious Emission (PA = 7)
In-band Spurious Second Channel Power (±2 MHz)
–38
dBm
In-band Spurious Third Channel Power (>3 MHz)
–44
dBm
Non-Harmonically Related Spurs (8.000 GHz)
–38
dBm
Non-Harmonically Related Spurs (1.6 GHz)
–34
dBm
Non-Harmonically Related Spurs (3.2 GHz)
–47
dBm
Harmonic Spurs (Second Harmonic)
–43
dBm
Harmonic Spurs (Third Harmonic)
–48
dBm
Fourth and Greater Harmonics
–59
dBm
Power Management (Crystal PN# eCERA GF-1200008)
Crystal Start to 10ppm
0.7
1.3
ms
Crystal Start to IRQ
XSIRQ EN = 1
0.6
ms
Synth Settle
Slow channels
270
µs
Synth Settle
Medium channels
180
µs
Synth Settle
Fast channels
100
µs
Link Turnaround Time
GFSK
30
µs
Link Turnaround Time
250 kbps
62
µs
Link Turnaround Time
125 kbps
94
µs
Link Turnaround Time
<125 kbps
31
µs
Max. packet length
< 60 ppm crystal-to-crystal
all modes except 64-DDR and
64-SDR
40
bytes
Max. packet length
< 60 ppm crystal-to-crystal
64-DDR and 64-SDR
16
bytes
Table 26-1. Radio Parameters (continued)
Parameter Description
Conditions
Min
Typ
Max
Unit
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com