Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 7 of 68
8. Functional Block Overview
All the blocks that make up the PRoC LP are presented in this
section.
8.1 2.4 GHz Radio
The radio transceiver is a dual conversion low IF architecture
optimized for power and range/robustness. The radio employs
channel matched filters to achieve high performance in the
presence of interference. An integrated Power Amplifier (PA)
provides up to +4 dBm transmit power, with an output power
control range of 34 dB in seven steps. The supply current of the
device is reduced as the RF output power is reduced.
8.2 Frequency Synthesizer
Before transmission or reception may commence, it is necessary
for the frequency synthesizer to settle. The settling time varies
depending on channel; 25 fast channels are provided with a
maximum settling time of 100
μs.
The “fast channels” (<100
μs settling time) are every 3rd
frequency, starting at 2400 MHz up to and including 2472 MHz
(that is, 0,3,6,9…….69 and 72).
8.3 Baseband and Framer
The baseband and framer blocks provide the DSSS encoding
and decoding, SOP generation and reception and CRC16
generation and checking, and EOP detection and length field.
8.3.1 Data Transmission Modes and Data Rates
The SoC supports four different data transmission modes:
■ In GFSK mode, data is transmitted at 1 Mbps, without any
DSSS.
■ In 8DR mode, 8 bits are encoded in each DATA_CODE_ADR
derived code symbol transmitted.
■ In DDR mode, 2 bits are encoded in each DATA_CODE_ADR
derived code symbol transmitted (as in the CYWUSB6934 DDR
mode).
■ In SDR mode, 1 bit is encoded in each DATA_CODE_ADR
derived code symbol transmitted (as in the CYWUSB6934
standard modes).
Both 64-chip and 32-chip DATA_CODE_ADR codes are
supported. The four data transmission modes apply to the data
after the SOP. In particular the length, data, and CRC16 are all
sent in the same mode. In general, lower data rates reduces
packet error rate in any given environment.
The CYRF69103 IC supports the following data rates:
■ 1000 kbps (GFSK)
■ 250 kbps (32-chip 8DR)
■ 125 kbps (64-chip 8DR)
■ 62.5 kbps (32-chip DDR)
■ 31.25 kbps (64-chip DDR)
■ 15.625 kbps (64-chip SDR)
Lower data rates typically provide longer range and/or a more
robust link.
31
PACTL
Control for external PA or Radio GPIO
32
P1.6
GPIO
33
VIO
1.8V to 3.6V to main power supply rail for Radio I/O
34
RST
Radio Reset. Connected to pin 40 with 0.47
μF. Must have a RST=HIGH event the very first time
power is applied to the radio otherwise the state of the radio control registers is unknown
35
P1.7
GPIO
36
VDD1.8
Regulated logic bypass. Connected to 0.47
μF to GND
37
L/D
Inductor/Diode connection for Boost. When Internal PMU is not being used connect L/D to GND.
38
P0.7
GPIO
39
Vbat0
Connected to1.8V to 3.6V main power supply, through 0.047
μF bypass C
40
VREG
Boost regulator output voltage feedback
41
E-pad
Must be connected to ground
42
Corner Tabs
Do Not connect corner tabs
Table 7-1. Pin Definitions (continued)
Pin
Name
Description
Table 8-1. Internal PA Output Power Step Table
PA Setting
Typical Output Power (dBm)
7+4
60
5–5
4
–10
3
–15
2
–20
1
–25
0
–30
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com