Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 24Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 25Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 26Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 30Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 28 of 68
15.2.1 Interval Timer Clock (ITMRCLK)
The Interval Timer clock (ITMRCLK) can be sourced from the
internal 24 MHz oscillator, internal 32 kHz low power oscillator,
or timer capture clock. A programmable prescaler of 1, 2, 3, or 4
then divides the selected source. The 12-bit Programmable
Interval Timer is a simple down counter with a programmable
reload value. It provides a 1
μs resolution by default. When the
down counter reaches zero, the next clock is spent reloading.
The reload value can be read and written while the counter is
running, but care must be taken to ensure that the counter does
not unintentionally reload while the 12-bit reload value is only
partially stored—for example, between the two writes of the
12-bit value. The programmable interval timer generates
interrupt to the CPU on each reload.
The parameters to be set appears on the device editor view of
PSoC Designer after you place the CYRF69103 timer user
module.
The
parameters
are
PITIMER_Source
and
PITIMER_Divider. The PITIMER_Source is the clock to the timer
and the PITIMER_Divider is the value the clock is divided by.
The interval register (PITMR) holds the value that is loaded into
the PIT counter on terminal count. The PIT counter is a down
counter.
The Programmable Interval Timer resolution is configurable. For
example:
TCAPCLK divide by x of CPU clock (for example TCAPCLK
divide by 2 of a 24 MHz CPU clock gives a frequency of 12 MHz)
ITMRCLK divide by x of TCAPCLK (for example, ITMRCLK
divide by 3 of TCAPCLK is 4 MHz so resolution is 0.25
μs).
15.2.2 Timer Capture Clock (TCAPCLK)
The Timer Capture clock (TCAPCLK) can be sourced from the
internal 24 MHz oscillator or the internal 32 kHz low power oscil-
lator. A programmable prescaler of 2, 4, 6, or 8 then divides the
selected source.
Table 15-4. Timer Clock Config (TMRCLKCR) [0x31] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
TCAPCLK Divider
TCAPCLK Select
ITMRCLK Divider
ITMRCLK Select
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
0
0
0
1
1
1
1
Bits 7:6
TCAPCLK Divider [1:0]
TCAPCLK Divider controls the TCAPCLK divisor.
0 0 = Divider Value 2
0 1 = Divider Value 4
1 0 = Divider Value 6
1 1 = Divider Value 8
Bits 5:4
TCAPCLK Select
The TCAPCLK Select field controls the source of the TCAPCLK.
0 0 = Internal 24 MHz Oscillator
0 1 =Reserved
1 0 = Internal 32 kHz Low power Oscillator
1 1 = TCAPCLK Disabled
Note The 1024
μs interval timer is based on the assumption that TCAPCLK is running at 4 MHz. Changes in TCAPCLK frequency
cause a corresponding change in the 1024
μs interval timer frequency.
Bits 3:2
ITMRCLK Divider
ITMRCLK Divider controls the ITMRCLK divisor
0 0 = Divider value of 1
0 1 = Divider value of 2
1 0 = Divider value of 3
1 1 = Divider value of 4
Bits 1:0
ITMRCLK Select
0 0 = Internal 24 MHz Oscillator
0 1 = Reserved
1 0 = Internal 32 kHz Low power Oscillator
1 1 = TCAPCLK
Note Changing the source of TMRCLK requires that both the source and destination clocks be running. Attempting to change
the clock source away from TCAPCLK after that clock has been stopped is not successful.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com