Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 44Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 45Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 46Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 47Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 48Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 49Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 50Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 48 of 68
Table 20-2. Free Running Timer High-Order Byte (FRTMRH) [0x21] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Free Running Timer [15:8]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
Bits 7:0
Free Running Timer [15:8]
When reading the free running timer, the low order byte must be read first and the high order second. When writing, the low
order byte must be written first then the high order byte.
Table 20-3. Programmable Interval Timer Low (PITMRL) [0x26] [R]
Bit #
7
6
5
4
3
2
1
0
Field
Prog Interval Timer [7:0]
Read/Write
R
R
R
R
RR
R
R
Default
0
0
0
0
00
0
0
Bits 7:0
Prog Interval Timer [7:0]
This register holds the low order byte of the 12-bit programmable interval timer. Reading this register causes the high order byte
to be moved into a holding register allowing an automatic read of all 12 bits simultaneously.
Table 20-4. Programmable Interval Timer High (PITMRH) [0x27] [R]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval Timer [11:8]
Read/Write
--
--
--
--
RR
R
R
Default
0
0
0
0
00
0
0
Bits 7:4
Reserved
Bits 3:0
Prog Internal Timer [11:8]
This register holds the high order nibble of the 12-bit programmable interval timer. Reading this register returns the high order
nibble of the 12-bit timer at the instant that the low order byte was last read.
Table 20-5. Programmable Interval Reload Low (PIRL) [0x28] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Prog Interval [7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
Bits 7:0
Prog Interval [7:0]
This register holds the lower 8 bits of the timer. While writing into the 12-bit reload register, write lower byte first then the higher
nibble.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com