Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 55 of 68
21.3.3 Interrupt Vector Clear Register
Table 21-9. Interrupt Vector Clear Register (INT_VC) [0xE2] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Pending Interrupt [7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
The Interrupt Vector Clear Register (INT_VC) holds the interrupt vector for the highest priority pending interrupt when read, and
when written clears all pending interrupts.
Bits 7:0
Pending Interrupt [7:0]
8-bit data value holds the interrupt vector for the highest priority pending interrupt. Writing to this register clears all pending
interrupts.
21.4
Microcontroller Function Register Summary
Addr
Name
7
6
5
4
3
2
1
0
R/W
Default
00
P0DATA
P0.7
Reserved
Reserved
P0.4/INT2
P0.3/INT1
Reserved
P0.1
Reserved
b--bb-b-
00000000
01
P1DATA
P1.7
P1.6/SMISO P1.5/SMOSI P1.4/SCLK
P1.3/SSEL
P1.2
P1.1
P1.0
bbbbbbb-
00000000
02
P2DATA
Reserved
P2.1–P2.0
------bb
00000000
06
P01CR
Reserved
Int Enable
Int Act Low
TTL Thresh
High Sink
Open Drain
Pull up
Enable
Output
Enable
bbbbbbbb
00000000
08–09
P03CR–
P04CR
Reserved
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull up
Enable
Output
Enable
--bb-bbb
00000000
0C
P07CR
Reserved
Int Enable
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull up
Enable
Output
Enable
-bbb-bbb
00000000
0D
P10CR
Reserved
Int Enable
Int Act Low
Reserved
5K pullup
Enable
Output
enable
bbb----b
00000000
0E
P11CR
Reserved
Int Enable
Int Act Low
Reserved
Open Drain
Reserved
Output
Enable
-bb--b-b
00000000
0F
P12CR
CLK Output
Int Enable
Int Act Low
TTL
Threshold
Reserved
Open Drain
Pull up
Enable
Output
Enable
bbbb-bbb
00000000
10
P13CR
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
-bb-bbbb
00000000
11–13
P14CR–
P16CR
SPI Use
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
bbb-bbbb
00000000
14
P17CR
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
-bb-bbbb
00000000
15
P2CR
Reserved
Int Enable
Int Act Low
TTL Thresh
High Sink
Open Drain
Pull up
Enable
Output
Enable
-bbbbbbb
00000000
20
FRTMRL
Free Running Timer [7:0]
bbbbbbbb
00000000
21
FRTMRH
Free Running Timer [15:8]
bbbbbbbb
00000000
26
PITMRL
Prog Interval Timer [7:0]
rrrrrrrr
00000000
27
PITMRH
Reserved
Prog Interval Timer [11:8]
----rrrr
00000000
28
PIRL
Prog Interval [7:0]
bbbbbbbb
00000000
29
PIRH
Reserved
Prog Interval [11:8]
----rrrr
00000000
30
CPUCLKCR
Reserved
--------
00000000
31
TMRCLKCR
TCAPCLK Divider
TCAPCLK Select
ITMRCLK Divider
ITMRCLK Select
bbbbbbbb
10001111
34
IOSCTR
foffset[2:0]
Gain[4:0]
bbbbbbbb
000ddddd
36
LPOSCTR 32 kHz Low
Power
Reserved
32 kHz Bias Trim [1:0]
32 kHz Freq Trim [3:0]
0-bbbbbb
d-dddddd
3C
SPIDATA
SPIData[7:0]
bbbbbbbb
00000000
3D
SPICR
Swap
LSB First
Comm Mode
CPOL
CPHA
SCLK Select
bbbbbbbb
00000000
DA
INT_CLR0 GPIO Port 1 Sleep Timer
INT1
GPIO Port 0 SPI Receive
SPI Transmit
Reserved
POR/LVD
bbbbbb-b
00000000
DB
INT_CLR1
Reserved
Prog Interval
Timer
1 ms Timer
Reserved
-bb-----
00000000
DC
INT_CLR2
Reserved
Reserved
Reserved
GPIO Port 2
Reserved
INT2
16-bit
Counter
Wrap
Reserved
---b-bb-
00000000
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com