Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6953 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 59Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 60Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 61Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 62Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 63Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 60 of 68
Figure 25-1. Clock Timing
Note
18. In Master mode first bit is available 0.5 SPICLK cycle before Master clock edge available on the SCLK pin.
25. AC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
GPIO Timing
TR_GPIO
Output Rise Time
Measured between 10 and 90%
Vdd/Vreg with 50 pF load
50
ns
TF_GPIO
Output Fall Time
Measured between 10 and 90%
Vdd/Vreg with 50 pF load
15
ns
FIMO
Internal Main Oscillator Frequency
With proper trim values loaded[5]
18.72
26.4
MHz
FILO
Internal Low Power Oscillator
With proper trim values loaded[5]
15.0001
50.0
kHz
SPI Timing
TSMCK
SPI Master Clock Rate
FCPUCLK/6
2
MHz
TSSCK
SPI Slave Clock Rate
2.2
MHz
TSCKH
SPI Clock High Time
High for CPOL = 0, Low for CPOL = 1
125
ns
TSCKL
SPI Clock Low Time
Low for CPOL = 0, High for CPOL = 1
125
ns
TMDO
Master Data Output Time[18]
SCK to data valid
–25
50
ns
TMDO1
Master Data Output Time,
First bit with CPHA = 0
Time before leading SCK edge
100
ns
TMSU
Master Input Data Setup time
50
ns
TMHD
Master Input Data Hold time
50
ns
TSSU
Slave Input Data Setup Time
50
ns
TSHD
Slave Input Data Hold Time
50
ns
TSDO
Slave Data Output Time
SCK to data valid
100
ns
TSDO1
Slave Data Output Time,
First bit with CPHA = 0
Time after SS LOW to data valid
100
ns
TSSS
Slave Select Setup Time
Before first SCK edge
150
ns
TSSH
Slave Select Hold Time
After last SCK edge
150
ns
CLOCK
TCYC
TCL
TCH
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com