Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 124Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 125Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 126Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 127Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 128Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 129Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 130Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 131Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
128
Freescale Semiconductor
Package Information and Contact Assignments
EIM_OE
B3
B12
B3
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_RDY
A2
B11
A2
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_RW
B5
B14
B5
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_WAIT
D5
A11
C4
NVCC_EIM
HVIO
ALT0
IN
100K PU
EPDC_BDR0
E20
Y21
A15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_BDR1
E21
Y23
D16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D0
A17
Y24
B15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D1
B17
W24
A14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D10
D15
V23
D13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D11
E15
R21
F14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D12
A14
J23
F13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D13
B14
M21
E14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D14
D14
N21
E11
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D15
E14
P21
E13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D2
D17
U23
B16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D3
E17
V24
C16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D4
A16
R24
D15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D5
B16
T24
A13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D6
D16
U24
C14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D7
E16
T23
D14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D8
A15
W23
E15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_D9
B15
T21
E16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_GDCLK
A11
G24
A11
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_GDOE
B11
J24
C10
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_GDRL
A12
L23
A10
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_GDSP
B12
P23
D11
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_PWRCOM
G11
E23
E7
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_PWRCTRL
0
G12
E24
E10
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_PWRCTRL
1
G13
K23
E9
NVCC_EPDC
HVIO
ALT1
IN
Keeper
Table 84. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com