Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 126Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 127Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 128Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 129Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 130Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 131Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 132Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 133Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 134Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 130 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
130
Freescale Semiconductor
Package Information and Contact Assignments
JTAG_TDI
AA4
AA4
U8
NVCC_JTAG
GPIO
ALT0
IN
47K PU
JTAG_TDO
U7
V4
T9
NVCC_JTAG
GPIO
ALT0
OUT-LO
Keeper
JTAG_TMS
Y4
Y4
R9
NVCC_JTAG
GPIO
ALT0
IN
47K PU
JTAG_TRSTB
AA5
AA5
U7
NVCC_JTAG
GPIO
ALT0
IN
47K PU
KEY_COL0
B1
A9
B1
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_COL1
B2
A10
B2
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_COL2
C1
B9
C1
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_COL3
C2
B10
C2
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_ROW0
D1
A8
D1
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_ROW1
D2
B8
D2
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_ROW2
D4
D7
C3
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
KEY_ROW3
E4
A7
D3
NVCC_KEYPAD
HVIO
ALT1
IN
Keeper
OWIRE
G7
D12
E5
NVCC_MISC
HVIO
ALT1
IN
Keeper
PMIC_ON_REQ
W1
W1
Y3
NVCC_SRTC
GPIO
ALT0
OUT-LO
—
PMIC_STBY_REQ
W2
W2
Y2
NVCC_SRTC
GPIO
ALT0
OUT-LO
—
POR_B
AD2
AD2
Y5
NVCC_RESET
LVIO
ALT0
IN
100K PU
PWM1
F5
D11
E4
NVCC_MISC
HVIO
ALT1
IN
Keeper
PWM2
F4
D10
E3
NVCC_MISC
HVIO
ALT1
IN
Keeper
RESET_IN_B
AC1
AC1
W3
NVCC_RESET
LVIO
ALT0
IN
100K PU
SD1_CLK
P1
M1
R1
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD1_CMD
R1
N1
P4
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD1_D0
R2
P2
R2
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD1_D1
P2
N2
P1
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD1_D2
R4
M2
P3
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD1_D3
R5
R4
P2
NVCC_SD1
HVIO
ALT1
IN
Keeper
SD2_CD
T4
J4
T1
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_CLK
U1
E1
T3
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_CMD
V5
G1
V1
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D0
T1
D1
R3
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D1
T2
D2
U1
NVCC_SD2
HVIO
ALT1
IN
Keeper
Table 84. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com