Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 126Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 127Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 128Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 129Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 130Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 131Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 132Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 133Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 134Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
131
SD2_D2
V1
F1
W2
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D3
V2
F2
T4
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D4
V4
G2
V2
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D5
U2
E2
U2
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D6
U4
H4
R4
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_D7
U5
F4
W1
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD2_WP
T5
G4
T2
NVCC_SD2
HVIO
ALT1
IN
Keeper
SD3_CLK
AD16
T1
Y14
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_CMD
AD17
T2
U16
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D0
AC15
V1
Y17
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D1
AC16
V2
V16
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D2
AC17
R1
T16
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D3
AA17
U2
U15
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D4
AA18
P1
W17
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D5
Y18
U1
U17
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D6
AA19
R2
V17
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_D7
Y19
U4
T15
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SD3_WP
AD15
T4
W16
NVCC_NANDF
HVIO
ALT1
IN
Keeper
SSI_RXC
J7
AD12
H4
NVCC_SSI
HVIO
ALT1
IN
Keeper
SSI_RXD
J5
AC14
F3
NVCC_SSI
HVIO
ALT1
IN
Keeper
SSI_RXFS
H7
AD13
G5
NVCC_SSI
HVIO
ALT1
IN
Keeper
SSI_TXC
J4
AC13
G3
NVCC_SSI
HVIO
ALT1
IN
Keeper
SSI_TXD
H5
AD14
G4
NVCC_SSI
HVIO
ALT1
IN
Keeper
SSI_TXFS
H4
AC12
H3
NVCC_SSI
HVIO
ALT1
IN
Keeper
TEST_MODE
AC2
AC2
U4
NVCC_RESET
LVIO
ALT0
IN
100K PD
UART1_CTS
H2
B4
J1
NVCC_UART
HVIO
ALT1
IN
Keeper
UART1_RTS
J2
B3
K2
NVCC_UART
HVIO
ALT1
IN
Keeper
UART1_RXD
J1
A2
K1
NVCC_UART
HVIO
ALT1
IN
Keeper
UART1_TXD
H1
A3
H1
NVCC_UART
HVIO
ALT1
IN
Keeper
UART2_CTS
K2
B2
NVCC_UART
HVIO
ALT1
IN
Keeper
Table 84. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com