Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 125Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 126Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 127Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 128Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 129Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 130Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 131Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 132Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 134 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
129
EPDC_PWRCTRL
2
G14
F23
E12
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_PWRCTRL
3
G15
L21
F15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_PWRSTAT
G16
F24
C12
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE0
D13
N24
B12
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE1
E13
P24
A12
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE2
D12
H21
C11
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE3
E12
J21
E8
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE4
D11
K21
D10
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCE5
E11
D18
E6
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCLK
A13
K24
B13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDCLKN
B13
L24
D12
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDLE
D18
M24
C15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDOE
E18
V21
C13
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDOED
D19
R23
G16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDOEZ
E19
U21
F16
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_SDSHR
A10
H23
A8
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_VCOM0
G17
H24
B14
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPDC_VCOM1
D20
W21
G15
NVCC_EPDC
HVIO
ALT1
IN
Keeper
EPITO
G4
D8
F5
NVCC_MISC
HVIO
ALT1
IN
Keeper
EXTAL
AC5
AC5
W6
VDD2P5
ANALOG
—
—
—
GND_KEL
AA7
AA7
T7
VDD2P5
ANALOG
—
—
—
I2C1_SCL
E1
A6
E1
NVCC_MISC
HVIO
ALT1
IN
Keeper
I2C1_SDA
E2
B7
E2
NVCC_MISC
HVIO
ALT1
IN
Keeper
I2C2_SCL
F1
A5
F1
NVCC_MISC
HVIO
ALT1
IN
Keeper
I2C2_SDA
F2
B6
F2
NVCC_MISC
HVIO
ALT1
IN
Keeper
I2C3_SCL
G1
A4
G1
NVCC_MISC
HVIO
ALT1
IN
Keeper
I2C3_SDA
G2
B5
G2
NVCC_MISC
HVIO
ALT1
IN
Keeper
JTAG_MOD
V7
V5
T8
NVCC_JTAG
GPIO
ALT0
IN
100K PU
JTAG_TCK
W4
W4
R8
NVCC_JTAG
GPIO
ALT0
IN
100K PD
Table 84. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com