Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 100Page - STMicroelectronics SPEAR1340 Datasheet HTML 101Page - STMicroelectronics SPEAR1340 Datasheet HTML 102Page - STMicroelectronics SPEAR1340 Datasheet HTML 103Page - STMicroelectronics SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 200 page
background image
Pin description
SPEAr1340
104/200
Doc ID 023063 Rev 4
FSMC_AD21
Address bus
O
A21
FSMC_AD22
B21
FSMC_AD23
C21
FSMC_AD24
D21
FSMC_AD25
D22
FSMC_CE0n(1)
NAND/NOR/SRAM chip select (default NAND)
O
C6
FSMC_CE1n
D11
FSMC_WEn
Write enable
O
E8
FSMC_REn
Read enable
O
D8
FSMC_ALE_AD17
Address latch enable /address pin #17
O
C8
FSMC_CLE_AD16
Command latch enable / address pin #16
O
E7
FSMC_RB0
NAND ready/busy[0] or NOR address valid or SRAM byte lane[0] (valid
only for 16-bit configuration)
IO
D7
FSMC_RSTPWDWN1 NAND ready/busy[1] or NOR reset power down[1]
IO
A10
FSMC_RWPRT0n
NAND/NOR write protect [0] or SRAM byte lane[1] (valid only for 16-bit
configuration)
O
C7
FSMC_RWPRT1n
NAND/NOR write protect [1]
E11
FSMC_RSTPWDWN0 NOR reset / Power down [0]
O
E10
1.
FSMC_CE0n is used for booting from Parallel NOR or NAND Flash.
Table 11.
Memories - FSMC signals description (continued)
Signal name
Description
Type
Ball
Table 12.
Memories - SMI signals description
Signal name
Description
Type
Ball
SMI_DATAIN
Data in from external serial Flash
I
AB25
SMI_DATAOUT
Data out to external serial Flash
O
AB24
SMI_CLK
Data out clock to external Flash
O
AB28
SMI_CS0n(1)
Chip selects (active low)
O
AA27
SMI_CS1n
AB26
1.
SMI_CS0n is used for booting from Serial NOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com