Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 200 page
background image
Pin description
SPEAr1340
108/200
Doc ID 023063 Rev 4
MAC_MDC
Management data clock
The MAC provides timing reference for the MAC_MDIO signal through this
aperiodic clock. The maximum frequency of this clock is 2.5 MHz.This
clock is generated from the application clock (HCLK) via a clock divider.
ON27
MAC_MDIO
Management data input/output.
IO
N28
Table 15.
Connectivity - MAC PHY interface signals description (continued)
Signal name
Description
Type
Ball
Table 16.
Connectivity - PCIe/SATA physical interface (MIPHY) signals description (1)
Signal name
Description
Type
Ball
MIPHY single lane
MIPHY0_TXp
Positive TX output
O
M2
MIPHY0_TXn
Negative TX output
O
M1
MIPHY0_RXp
Positive RX input
I
K2
MIPHY0_RXn
Negative RX input
I
K1
MIPHY0_XTAL1
Input of the crystal oscillator
IP2
MIPHY0_XTAL2
IO
P1
1.
PCIe and SATA cannot be used simultaneously; one port in alternative to the other one. To select between PCIe or SATA
you have to configure the register PCIE_SATA_CFG[0], pcie_sata_sel.
Table 17.
Connectivity - USB 2.0 Host signals description
Signal name
Description
Type
Ball
USB_UHC0_DRVVBUS
USB Host 0 VBUS, port power switch
O
B13
USB_UHC1_DRVVBUS
USB Host 1 VBUS, port power switch
O
C13
USB_UHC0_OVERCUR
Port overcurrent indication from application
ID13
USB_UHC1_OVERCUR
IE13
Table 18.
Connectivity - USB 2.0 OTG signals description
Signal name
Description
Type
Ball
USB_UOC_DRVVBUS
Power switch to 5 V charge pump
O
A13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com