Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
109/200
Table 19.
Connectivity - USB 2.0 PHY signals description
Signal name
Description
Type
Ball
USB_UHC0_DP
USB Host 0 D+
IO
H1
USB_UHC0_DM
USB Host 0 D-
IO
H2
USB_UHC1_DP
USB Host 1 D+
IO
D1
USB_UHC1_DM
USB Host 1 D-
IO
D2
USB_UOC_DP
USB OTG D+
IO
F1
USB_UOC_DM
USB OTG D-
IO
F2
USB_UOC_ID
USB OTG mini-receptacle identifier
I
F4
USB_UOC_VBUS
USB OTG power supply pin:
– When SPEAr is configured as USB Device, this is a VBUS detect
signal.
– When SPEAr is configured as USB Host, this is a power supply pin.
A charge pump external to the USB PHY must provide power to this
pin (and to pin1 of the Micro-USB connector). The nominal voltage
for this pin is 5 V. The voltage range is 0-5.25 V.
IO
F3
Table 20.
Connectivity - UART signals description
Signal name
Description
Type
Ball
UART0
UART0_RXD
UART0 receive serial data input
IrDA input (SIRIN)
IY25
UART0_TXD
UART0 transmitted serial data output
IrDA output (SIROUT)
OY24
UART0_RTSn
UART0 request to send modem status output (active low)
O
AF17
UART0_CTSn
UART0 clear to send modem status input (active low)
I
AF18
UART0_DCDn
UART0 data carrier detect modem status input (active low)
I
AG18
UART0_DTRn
UART0 data terminal ready modem status output (active low)
O
AE17
UART0_DSRn
UART0 data set ready modem status input (active low)
I
AH17
UART0_RIn
UART0 Ring Indicator modem status input (active low)
I
AG17
UART1
UART1_RXD
UART1 receive serial data input
IrDA input (SIRIN)
IY27
UART1_TXD
UART1 transmitted serial data output
IrDA output (SIROUT)
OY26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com