Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 112 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 108Page - STMicroelectronics SPEAR1340 Datasheet HTML 109Page - STMicroelectronics SPEAR1340 Datasheet HTML 110Page - STMicroelectronics SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics SPEAR1340 Datasheet HTML 115Page - STMicroelectronics SPEAR1340 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 200 page
background image
Pin description
SPEAr1340
112/200
Doc ID 023063 Rev 4
MCIF_DMARQ_RnB_WP
CF: DMARQ
A DMA request, asserted by the device when it is ready to transfer
data to or from the host.
For multiword DMA transfers, the direction of data transfer is
controlled by -IORD and -IOWR. The device waits until the host
asserts -DMACK before negating DMARQ, and then reasserts
DMARQ if there is more data to transfer.
DMARQ is not driven when the device is not selected.
While a DMA operation is in progress, -CS0 and –CS1 are held
negated.
xD:
Ready/Busy Output from xD Card.
SD:
Active high. SD card write protect
ID15
MCIF_nIORD_nRE
CF: -IORD, -HDMARDY, HSTROBE.
An IO read strobe (-IORD) generated by the host. This signal gates
IO data onto the bus from the CF storage card or CF+ card when the
card is configured to use the interface.
When in ultra DMA mode, DMA Read is active; this signal (-
HDMARDY) is asserted by the host to indicate that the host is read to
receive Ultra DMA data-in bursts. The host may negate -HDMARDY
to pause an ultra DMA transfer.
When ub ultra DMA mode, DMA Write is active; this signal is the data
out strobe (HSTROBE) generated by the host. Both the rising and
falling edge of HSTROBE cause data to be latched by the device.
The host may stop generating HSTROBE edges to pause an Ultra
DMA dataout burst.
xD:
Read enable
OD18
MCIF_nIOWR_nWE
CF: -IOWR, STOP
The IO Write strobe (-IOWR) pulse is used to clock IO data on the
card data bus into the CF+ card controller registers when the CF+
card is configured to use the IO interface. The clocking occurs on the
negative to positive (trailing) edge of the signal.
While Ultra DMA mode protocol is active, the assertion of this signal
(STOP) causes the termination of the Ultra DMA Burst.
This signal must be negated before entering ultra DMA mode
protocol.
xD
Write enable
OE20
MCIF_nRESET_CF
CF: -RESET
Active low hardware reset from the Host
OA19
MCIF_nCS0_nCE
CF: -CS0
-CS0 is the chip select for the task file registers. While -DMACK is
asserted, this signal is held negated.
xD:
Chip enable
OB19
MCIF_CF_INTR
CF: INTRQ
Active high interrupt request from the device to the Host
IC19
Table 23.
Connectivity- MCIF signals description (continued)
Signal name
Description(1)
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com