Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 130 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics SPEAR1340 Datasheet HTML 132Page - STMicroelectronics SPEAR1340 Datasheet HTML 133Page - STMicroelectronics SPEAR1340 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 200 page
background image
Pin description
SPEAr1340
130/200
Doc ID 023063 Rev 4
3.6
Strapping options
The following two tables show the strapping options available (STRAP[6:0]) on SPEAr1340.
STRAP[6:0] pins are sampled at reset release and they are reusable after the internal
latching for different purposes. When used as output pins, these pins require no special
conditions, but when used as input pins, the application must keep them in a non-driving (tri-
state) mode for at least 2 µs after MRESETn is released.
STRAP[6:0] pins are sampled by internal hardware logic during the power-on reset
sequence and latched on the BOOTSTRAP_CFG register in the MISC.
Table 37.
Strapping options
Signal name
Description
Type
Ball
STRAP0
The BootROM firmware selects the booting device after reset release by
reading the status of the STRAP[3:0] pins.
S
AE19
STRAP1
SAH20
STRAP2
SAD19
STRAP3
SAD20
STRAP4
Used to select the usage of NAND Flash 8-bit interface working as 3V3 or
1V8, along with CE0n:
STRAP4= 1 --> 3V3
STRAP4= 0 --> 1V8
S
AE20
STRAP5
Used to select the usage of NAND Flash extension to 16-bit interface
and/or second chip select CE1n working as 3V3 or 1V8:
STRAP5= 1 --> 3V3
STRAP5= 0 --> 1V8
SAF20
STRAP6
Used to select the GMII/RGMII interface working at 3V3 or 2V5:
STRAP6= 1 --> 2V5
STRAP6= 0 --> 3V3
SAG20
Table 38.
Hardware boot selection (STRAP[0..3])
Primary source
Backup source(1)
STRAP3
STRAP2
STRAP1
STRAP0
Bypass
na
0
0
0
0
Serial NOR Flash(2)
USB OTG (Device)
00
01
NAND Flash(3)
USB OTG (Device)
00
10
Parallel NOR Flash (8-bit)(3)
USB OTG (Device)
00
11
Parallel NOR Flash (16-bit)(3)
USB OTG (Device)
01
00
UART
na
01
01
rfu(4)
na
01
10
rfu
na
0
1
1
1
USB OTG (Device)
na
1
0
0
0
Serial NOR Flash(2)
UART
10
01
NAND Flash(3)
UART
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com