Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 133 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics SPEAR1340 Datasheet HTML 132Page - STMicroelectronics SPEAR1340 Datasheet HTML 133Page - STMicroelectronics SPEAR1340 Datasheet HTML 134Page - STMicroelectronics SPEAR1340 Datasheet HTML 135Page - STMicroelectronics SPEAR1340 Datasheet HTML 136Page - STMicroelectronics SPEAR1340 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
133/200
4.2
Recommended operating conditions
To ensure proper operation of the device, it is highly recommended to follow the conditions
shown in Table 41.
Table 41.
Recommended operating conditions
Symbol
Parameter
Ball
Min
Typ
Max
Unit
VDD 1V2
1V2 power supply
K13 K17 L10 L12 L14 L16 L18
M11 M17 M19 N10 N12 N18
P11 P17 R10 R12 R18 T11 T17
T19 U18 V15 V17 V19 W14
W16 W18 M4 U10 U12 V11 V13
W10 W12 N2 L3 N1 D6 D4 P6
K4 E2 H4
1.14
1.2
1.3
V
VDD 2V5
2V5 power supply
C4, P3, E6, E4, N5, AC5, U19,
J4, E3, G3
2.25
2.5
2.75
V
VDD 3V3
3V3 power supply
F14 F15 F17 F18 F20 F21 F23
G23 J23 W23 AA23 AC23
AC19 AC17 AC15 U23 B8 J3
D3 G2 K6 H6 R5
3.0
3.3
3.6
V
VDD RTC
RTC 1V5 power supply
C1
1.3
1.5
1.8
V
VDD DDR
DDR2 1V8 power supply
T6 U5 V6 W5 Y6 AA5 AB6 AC7
AC9 AC11 AC13 AD6 AD8
AD10 AD12 AD14
1.7
1.8
1.9
V
DDR3 1V5 power supply
1.4
1.5
1.6
V
VDD 1V8/3V3
Programmable 1V8 power supply
F8 F9 F11 F12
1.65
1.8
1.95
V
Programmable 3V3 power supply
3.0
3.3
3.6
V
VDD 2V5/3V3
Programmable 2V5 power supply
L23 N23 R23 T24 P24
2.25
2.5
2.75
V
Programmable 3V3 power supply
3.0
3.3
3.6
V
TC
Case temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com