Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 133Page - STMicroelectronics SPEAR1340 Datasheet HTML 134Page - STMicroelectronics SPEAR1340 Datasheet HTML 135Page - STMicroelectronics SPEAR1340 Datasheet HTML 136Page - STMicroelectronics SPEAR1340 Datasheet HTML 137Page - STMicroelectronics SPEAR1340 Datasheet HTML 138Page - STMicroelectronics SPEAR1340 Datasheet HTML 139Page - STMicroelectronics SPEAR1340 Datasheet HTML 140Page - STMicroelectronics SPEAR1340 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
137/200
Example:
For this example, a Fox Electronics, NC26LF-327 32.768 kHz oscillator has been used.
For the Fox Electronics, NC26LF-327 crystal, CL = 12.5 pF
With CS = ~0.1 pF, we have: Cext = CL1 = CL2 = 24.8 pF=22 pF
RTC clock generated from an external clock source
Table 45.
RTC external user clock source characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fRTC_XI
External clock source
frequency
32.768
kHz
VRTC_XIH
RTC_XI input pin high
level voltage
RTC_VDD1V5 -
0.2
RTC_VDD1V5
V
VRTC_XIL
RTC_XI input pin low
level voltage
RTC_GND
0.2
V
DuCy(RTC_XI) Duty cycle
40
60
%
tr(RTC_XI)
tf(RTC_XI)
RTC_XI input rise and
fall time
50
ns
CIN(RTC_XI)
RTC_XI input
capacitance
5pF
IL(RTC_XI)
RTC_XI input leakage
RTC_GND
V
IN
RTC_VDD1V5
±1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com