Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 138 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 134Page - STMicroelectronics SPEAR1340 Datasheet HTML 135Page - STMicroelectronics SPEAR1340 Datasheet HTML 136Page - STMicroelectronics SPEAR1340 Datasheet HTML 137Page - STMicroelectronics SPEAR1340 Datasheet HTML 138Page - STMicroelectronics SPEAR1340 Datasheet HTML 139Page - STMicroelectronics SPEAR1340 Datasheet HTML 140Page - STMicroelectronics SPEAR1340 Datasheet HTML 141Page - STMicroelectronics SPEAR1340 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 200 page
background image
Electrical characteristics
SPEAr1340
138/200
Doc ID 023063 Rev 4
4.4
I/O AC/DC characteristics
The following sections show the electrical AC/DC characteristics of the I/Os present in
SPEAr1340.
4.4.1
3V3/2V5/1V8 I/O buffers (IOTYPE1/IOTYPE2/IOTYPE3)
The 3V3/2V5/1V8 buffers are designed to operate at 3.3 V, 2.5 V, and 1.8 V supply level.
Even if they support switchable supplies, each I/O type has limited supply flexibility by
design:
IOTYPE1: only 3V3
IOTYPE2: 3V3/1V8
IOTYPE3: 3V3/2V5
Features
Switchable 1.8 V, 2.5 V, or 3.3 V supply
Input with hysteresis
Programmable drive and slew
Programmable pull-up/down functionality
DC characteristics
Table 46 shows the DC characteristics for 3V3/2V5/1V8 I/O buffers.
Table 46.
3V3/2V5/1V8 I/O DC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDx
1V8 supply voltage
1.65
1.95
V
2V5 supply voltage
2.25
2.75
V
3V3 supply voltage
3.0
3.6
V
Receiver characteristics(1)
1V8 I/O operation
VIH
High level input voltage
0.65*VDD
x
VDDx+0.3
V
VIL
Low level input voltage
-0.3
0.35*VDD
x
V
Vhyst
Schmitt trigger hysteresis
50
-
mV
2V5 I/O operation
VIH
High level input voltage
1.7
VDDx+0.3
V
VIL
Low level input voltage
-0.3
0.7
V
Vhyst
Schmitt trigger hysteresis
50
mV
3V3 I/O operation
VIH
High level input voltage
2.0
VDDx+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com