Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 142 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 138Page - STMicroelectronics SPEAR1340 Datasheet HTML 139Page - STMicroelectronics SPEAR1340 Datasheet HTML 140Page - STMicroelectronics SPEAR1340 Datasheet HTML 141Page - STMicroelectronics SPEAR1340 Datasheet HTML 142Page - STMicroelectronics SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 200 page
background image
Electrical characteristics
SPEAr1340
142/200
Doc ID 023063 Rev 4
4.4.2
IOTYPE4 I/O buffers
There is only one I/O pin of this type: XGPIO169 (ball K28).
Features
3.3 V signaling
Programmable pull-up/down functionality
DC characteristics
Table 49 shows the DC characteristics of IOTYPE4 buffers.
Table 49.
IOTYPE4 DC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD 3V3
Supply voltage
-
3.0
-
3.6
V
Receiver characteristics(1)
1.
External drivers must be powered at the same voltage as the relative SPEAr input pad.
VIH
High level input
voltage
-2.0
-
VDD 3V3+0.5
V
VIL
Low level input
voltage
--0.5
-
0.8
V
Driver characteristics
IOH
Source current
VOH= VDD 3V3-0.2
8
-
-
mA
IOL
Sink current
VOL= 0.2
8
-
-
mA
Pull-up and pull-down characteristics
RPU
Equivalent pull-up
resistance
Vpad = 0
-
50
-
K
Ω
RPD
Equivalent pull-down
resistance
Vpad = VDD 3V3
-
50
-
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com