Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 145 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 141Page - STMicroelectronics SPEAR1340 Datasheet HTML 142Page - STMicroelectronics SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics SPEAR1340 Datasheet HTML 148Page - STMicroelectronics SPEAR1340 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
145/200
To measure RT1 or RT2:
R
TX
V
IH DC
()
V
IL DC
()
IV
IH DC
()
()
IV
IL DC
()
()
-------------------------------------------------------------
=
1.
Apply VIH(DC) and VIL(DC) to the IOPAD pin separately while the I/O is in input mode
with the ODT enabled.
2.
Measure the current I(VIH(DC)) and I(VIL(DC)) according to the following equation:
To measure DeltaVM:
DeltaV
M
2V
M
×
V
DDDDR
V
DDDDR
-------------------------------------------------
⎝⎠
⎛⎞
100
×
=
1.
Measure voltage at the IOPAD pin while the I/O is in input mode with the ODT enabled.
2.
Calculate DeltaVM according to the following equation:
Table 52.
DDR2/DDR3 pseudo-differential receiver AC and DC characteristics
Symbol
Parameter
DDR2
DDR3
Unit
Min
Typ
Max
Min
Typ
Max
VDD
DDR
DDR2/DDR3 supply
voltage
1.71.81.91.4
1.51.6
V
VREF
Voltage reference
0.49 *
VDD DDR
0.5 *
VDD DDR
0.51 *
VDD DDR
0.49 *
VDD DDR
0.5 *
VDD DDR
0.51 *
VDD DDR
V
VIH(AC)
High level input
voltage
(1)
-
(1)
VREF + 0.1
-
(1)
V
VIL(AC)
Low level input
voltage
-
(1)
-VREF - 0.1
V
VIH(DC)
High level input
voltage
-
0.8 *
VDD DDR
-
(1)
V
VIL(DC)
Low level input
voltage
-
(1)
-
0.2 *
VDD DDR
V
1.
No data available in JEDEC update.
Table 53.
DDR2/DDR3 on-die termination (ODT) DC characteristics
Symbol
Parameter
Min
Typ
Max
Unit
RT1 (DDR2)
Lower effective impedance value for DDR2
60
75
90
Ω
RT2 (DDR2)
Higher effective impedance value for DDR2
120
150
180
Ω
RT1 (DDR3)
Lower effective impedance value for DDR3
53 (60-12%)
60
69 (60+15%)
Ω
RT2 (DDR3)
Higher effective impedance value for DDR3
106 (120-12%)
120
138 (120+15%)
Ω
DeltaVM
Deviation of VM with respect to VDD DDR/2
-5
-
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com