Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 140Page - STMicroelectronics SPEAR1340 Datasheet HTML 141Page - STMicroelectronics SPEAR1340 Datasheet HTML 142Page - STMicroelectronics SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics SPEAR1340 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 200 page
background image
Electrical characteristics
SPEAr1340
144/200
Doc ID 023063 Rev 4
4.4.3
DDR2 and DDR3 mode I/O buffers
This section is applicable to I/O pins of type SSTL (SSTL 1V5/1V8).
The DDR2/DDR3 buffers can work either with 1.8 V supply in DDR2 applications or 1.5 V in
DDR3 applications.
Features
1.5 V and 1.8 V signaling
Pseudo-differential input for data and fully-differential input for strobe.
On-die termination (ODT) functionality, in order to integrate the parallel resistor inside
the die and improve signal integrity.
AC/DC characteristics
Table 51 shows the AC/DC characteristics of DDR2 and DDR3 buffers.
Table 51.
DDR2/DDR3 AC/DC driver characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD DDR
DDR2 1V8
supply
voltage
-
1.7
1.8
1.9
V
DDR3 1V5
supply
voltage
-
1.4
1.5
1.6
V
ZOUT
Output
impedance
Vpad= VDD DDR/2
REXT= 332
Mandatory
34.3-10% = 30.9
34.3
34.3 + 10% = 37.7
Ω
VOH (AC)
High level
output voltage
-
DDR2: VDD DDR/2 + 0.2
--
V
DDR3: VDD DDR/2 + 0.175
VOL (AC)
Low level
output voltage
--
-
DDR2: VDD DDR/2-02
V
-
DDR3: VDD DDR/2- 0.175
VOH (DC)
High level
output voltage
-
DDR2: VDD DDR/2 + 0.125
--
V
DDR3: VDD DDR/2 + 0.1
VOL (DC)
Low level
output voltage
--
-
DDR2: VDD DDR/2 - 0.125
V
-
DDR3: VDD DDR/2 - 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com