Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 142Page - STMicroelectronics SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics SPEAR1340 Datasheet HTML 148Page - STMicroelectronics SPEAR1340 Datasheet HTML 149Page - STMicroelectronics SPEAR1340 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 200 page
background image
Electrical characteristics
SPEAr1340
146/200
Doc ID 023063 Rev 4
4.5
Voltage regulator characteristics
SPEAr1340 has three internal voltage regulators:
MIPHY single-lane regulator: the voltage controlled by this regulator is internally
connected to the MIPHY supply, but it is also externally visible on
MIPHY0_VDD2PLL2V5. The regulator is always active; it is not possible to bypass it.
VREG1 regulator: used only for USB
VREG2 regulator: used for all PLLs (PLL1, PLL2, PLL3, DDR PLL), ADC and OTP.
Each regulator receives a 3V3 voltage supply as input and generates a 2V5 voltage supply
as output.
The following table shows the main requirements for the voltage regulators.
4.6
MiPHY characteristics
For SATA operation, the MIPHY0_XTAL1/MIPHY0_XTAL2 clock input can be implemented
by a 25 MHz crystal oscillator. For PCIe operation, a suitable clock driver such as ON
Semiconductor NB3N5573 or Silicon labs Si5330C_A000207 can be used.
Table 54.
Voltage regulators requirements
Voltage regulator input
Voltage regulator output
Balls
connected
Input
voltage
Output
voltage
Max
current
External
capacitor
MIPHY0_VREG_3V3_IN
MIPHY0_VDD2PLL2V5
P3
3.3 V
2.5 V
100 mA
10
μF
VREG1_3V3_IN
VREG1_2V5_OUT (ball M6) J4 E3 G3
3.3 V
2.5 V
150 mA
2.2
μF
VREG2_3V3_IN
VREG2_2V5_OUT (ball F6)
E6 E4 N5
AC5 U19 C4
3.3 V
2.5 V
150 mA
2.2
μF
Table 55.
MiPHY characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fOSC
MIPHY0_XTAL1/MIPHY0_XTAL2 clock
input frequency for SATA configuration
25
MHz
MIPHY0_XTAL1/MIPHY0_XTAL2 clock
input frequency for PCIe configuration
100
VIH
MIPHY0_RXp/MIPHY0_RXn differential
input HIGH voltage
+150
mV
VIL
MIPHY0_RXp/MIPHY0_RXn differential
input LOW voltage
-150
mV
VIN(OSC)
MIPHY0_XTAL1/MIPHY0_XTAL2 clock
input voltage
-0.3
1.15
V
ZIN(OSC)
MIPHY0_XTAL1/MIPHY0_XTAL2 clock
input impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com