Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics SPEAR1340 Datasheet HTML 148Page - STMicroelectronics SPEAR1340 Datasheet HTML 149Page - STMicroelectronics SPEAR1340 Datasheet HTML 150Page - STMicroelectronics SPEAR1340 Datasheet HTML 151Page - STMicroelectronics SPEAR1340 Datasheet HTML 152Page - STMicroelectronics SPEAR1340 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
149/200
4.10
Reset release
The master reset (MRESETn) must be released after all the power supplies are stable and
for a time interval of 2 ms, which is the start-up time of the main oscillator, and must be
asserted low for at least 1 µs for warm reset.
Figure 14.
Cold reset release
Figure 15.
Warm reset release
Note:
See also: Section 5.1: Reset timing characteristics on page 151.
4.11
ADC electrical characteristics
VDD 1V2
VDD
VDD 3V3
1V5/1V8
MRESETn
tRP(cold)= 2 ms
tRP(warm)= 500 ns
MRESETn
Table 57.
ADC characteristics
Symbol
Parameters
Min
Typ
Max
Unit
fADC_CLK
ADC_CLK frequency
2.5
14
20
MHz
AVDD
ADC supply voltage
2.25
2.5
2.75
V
VREFP
Positive reference voltage
1
2.5
2.75
V
VREFN
Negative reference voltage
0
0
0.7
V
VIREF
Internal reference voltage
1.95
2
2.05
V
tSTARTUP
Startup time
50
µs
VAIN
Input range (absolute)
AGND - 0.3
AVDD - 0.3
V
Conversion range
VREFN
VREFP
V
CAIN
Input capacitance
5
6.4
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com