Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 148Page - STMicroelectronics SPEAR1340 Datasheet HTML 149Page - STMicroelectronics SPEAR1340 Datasheet HTML 150Page - STMicroelectronics SPEAR1340 Datasheet HTML 151Page - STMicroelectronics SPEAR1340 Datasheet HTML 152Page - STMicroelectronics SPEAR1340 Datasheet HTML 153Page - STMicroelectronics SPEAR1340 Datasheet HTML 154Page - STMicroelectronics SPEAR1340 Datasheet HTML 155Page - STMicroelectronics SPEAR1340 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 200 page
background image
Timing characteristics
SPEAr1340
152/200
Doc ID 023063 Rev 4
5.2
ADC timing characteristics
This section describes the timing characteristics of the TOUCH_XY_SEL signal of the A/C
converter.
The TOUCH_XY_SEL signal allows the switching of the X and Y axes. It is generated in
both cases of 2 and 4 channels (depending on single or dual touchscreen configuration).
This signal is high when converting the X values, while low when converting the Y ones.
Figure 16 shows the TOUCH_XY_SEL behavior during the ADC conversion phase. In this
example, the dual touchscreen configuration is used: channels 1 and 3 convert the X values,
while channels 6 and 7 convert the Y values.
Figure 16.
Touchscreen signal waveform
5.3
Cortex-A9 JTAG/trace timing characteristics
This section describes the timing characteristics of Cortex-A9 JTAG and Cortex-A9 trace.
5.3.1
Cortex-A9 JTAG timing characteristics
This section describes the timing characteristics for the Cortex-A9 JTAG.
The timing characterization is performed assuming an output load capacitance of 20 pF on
ARM_TDO output and an input transition of 2 ns on all the inputs.
Figure 17.
JTAG timing waveforms
ADC_CLK
ADC_EN
ADC_SEL
TOUCH_XY_SEL
01
3
67
ARM_TCK (input)
ARM_TDO (output)
TCLKhigh
TCLKlow
TDmin
Th
Ts
ARM_TDI, ARM_TMS,
ARM_TRSTn (input)
Old data valid
New data valid
TDmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com