Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 156 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 152Page - STMicroelectronics SPEAR1340 Datasheet HTML 153Page - STMicroelectronics SPEAR1340 Datasheet HTML 154Page - STMicroelectronics SPEAR1340 Datasheet HTML 155Page - STMicroelectronics SPEAR1340 Datasheet HTML 156Page - STMicroelectronics SPEAR1340 Datasheet HTML 157Page - STMicroelectronics SPEAR1340 Datasheet HTML 158Page - STMicroelectronics SPEAR1340 Datasheet HTML 159Page - STMicroelectronics SPEAR1340 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 200 page
background image
Timing characteristics
SPEAr1340
156/200
Doc ID 023063 Rev 4
5.5
CLCD timing characteristics
This section describes the timing characteristics for the LCD display controller which can
work on the clock rising edge or on the clock falling edge.
The timing characterization is performed assuming an output load capacitance of 10 pF on
all outputs and using PLL3 as the clock source for the timing extractions.
Figure 20.
CLCD timing waveform
1.
LCD_DATA = LCD_R[0-7], LCD_XR[0-7], LCD_B[0-7], LCD_XB[0-7], LCD_G[0-7], LCD_XG[0-7].
Table 63.
CLCD timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
LCD_PCLK clock period
6.5
ns
TCLKhigh
LCD_PCLK pulse high
3
ns
TCLKlow
LCD_PCLK pulse low
3
ns
TD1
LCD_PCLK rising edge to LCD_DATA,
LCD_VSYNC, LCD_HSYNC LCD_DE output data
delay
0.9
5.6
ns
TD2
LCD_PCLK falling edge to LCD_DATA,
LCD_VSYNC, LCD_HSYNC LCD_DE output data
delay
15.8
ns
LCD_PCLK
(output)
LCD_DATA
(1)
LCD_VSYNC
LCD_HSYNC
LCD_DE
(with polarity
configured as
rising edge)
tCLKhigh
tCLKlow
td1
LCD_DATA
(1)
LCD_VSYNC
LCD_HSYNC
LCD_DE
(with polarity
configured as
falling edge)
td2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com