Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 160 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 156Page - STMicroelectronics SPEAR1340 Datasheet HTML 157Page - STMicroelectronics SPEAR1340 Datasheet HTML 158Page - STMicroelectronics SPEAR1340 Datasheet HTML 159Page - STMicroelectronics SPEAR1340 Datasheet HTML 160Page - STMicroelectronics SPEAR1340 Datasheet HTML 161Page - STMicroelectronics SPEAR1340 Datasheet HTML 162Page - STMicroelectronics SPEAR1340 Datasheet HTML 163Page - STMicroelectronics SPEAR1340 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 200 page
background image
Timing characteristics
SPEAr1340
160/200
Doc ID 023063 Rev 4
TAD, TAV, TD, TW, TR and TSTROBE are fixed values: they depend only on the internal timings
of SPEAr.
TADDR_ST, THOLD_ADDR, TDATA_ST and TOEN_DLY are programmable timings defined by
FSMC registers. They can be calculated as:
TADDR_ST = (Addr_ST + 1) * THCLK (min value for Addr_ST is 0)
THOLD_ADDR = (Hold_addr + 1) * THCLK (min value for Hold_addr is 0)
TDATA_ST = Data_ST * THCLK (min value for Data_ST is 0 for Read and 1 for Write)
TOEN_DLY = OEn_delay * THCLK (when 1, the output enable rises 1 HCLK cycle before
the chip select)
Since the data strobe always happens 1 HCLK cycle before the rising edge of the chip
select, TSTROBE can be calculated as:
TSTROBE = THCLK - TW
THCLK = 6 ns (period of the AHB clock, the FSMC input clock)
TMEM is the output delay of the NOR Flash.
The FSCM_REn signal can toggle either after the de-assertion of the chip select
(Extended_Mode = 0) or after the Addr_ST phase (Extended_Mode = 1).
In the 1st case the programmable timings for Read and Write are unique while in the 2nd
case they can be different from each other.
When writing a data, since the NOR strobes it on the rising edge of FSMC_WEn, the user
should choose the correct values of Data_ST (and eventually Hold_addr) in order to satisfy
the setup constraint:
THCLK + TW (+ THOLD_ADDR) + TDATA_ST - TD TSETUP (NOR_FLASH)
The hold constraint, vice versa, is fixed:
THCLK - TW + TD THOLD (NOR_FLASH)
When reading a data, since the FSMC strobes it 1 HCLK cycle before the rising edge of
FSMC_REn, the user should choose the correct value of Data_ST in order to satisfy the
following setup constraint:
TDATA_ST - TMEM - TDEL TSETUP (FSMC_FFs)
TDEL is the sum of 2 internal delays of SPEAr:
From the FSMC flops to the FSMC_REn pad;
From the FSMC_IO pads to the FSMC flops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com