Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 158 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 154Page - STMicroelectronics SPEAR1340 Datasheet HTML 155Page - STMicroelectronics SPEAR1340 Datasheet HTML 156Page - STMicroelectronics SPEAR1340 Datasheet HTML 157Page - STMicroelectronics SPEAR1340 Datasheet HTML 158Page - STMicroelectronics SPEAR1340 Datasheet HTML 159Page - STMicroelectronics SPEAR1340 Datasheet HTML 160Page - STMicroelectronics SPEAR1340 Datasheet HTML 161Page - STMicroelectronics SPEAR1340 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 200 page
background image
Timing characteristics
SPEAr1340
158/200
Doc ID 023063 Rev 4
When reading a data, since the FSMC strobes it 1 HCLK cycle before the rising edge of
FSMC_REn, the user should choose the correct value of Data_ST in order to satisfy the
following setup constraint:
TWAIT - TMEM - TDEL TSETUP (FSMC_FFs)
TDEL is the sum of 2 internal delays of SPEAr:
From the FSMC flops to the FSMC_REn pad;
From the FSMC_IO pads to the FSMC flops.
Table 64.
Timings for 8-/16-bit NAND Flash configuration on FSMC_CE0n
Symbol
Min
Max
Unit
TALE
-1.47
2.44
ns
TCLE
-1.77
1.83
TD (8-bit)
-2.76
6.48
TD (16-bit)
-2.82
6.48
TW
-1.56
2.21
TR
-1.29
2.50
Table 65.
Timings for 8-/16-bit NAND Flash configuration on FSMC_CE1n
Symbol
Min
Max
Unit
TALE
-1.44
2.41
ns
TCLE
-1.76
1.80
TD (8-bit)
-2.75
6.45
TD (16-bit)
-2.81
6.45
TW
-1.50
2.18
TR
-1.23
2.47
Table 66.
Internal delays for 8-/16-bit NAND Flash configuration
Symbol
Min
Max
Unit
TDEL (8-bit)
3.82
16.34
ns
TDEL (16-bit)
3.82
16.63
TSETUP (FSMC_FFs)
0.06
0.49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com