Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 154 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 150Page - STMicroelectronics SPEAR1340 Datasheet HTML 151Page - STMicroelectronics SPEAR1340 Datasheet HTML 152Page - STMicroelectronics SPEAR1340 Datasheet HTML 153Page - STMicroelectronics SPEAR1340 Datasheet HTML 154Page - STMicroelectronics SPEAR1340 Datasheet HTML 155Page - STMicroelectronics SPEAR1340 Datasheet HTML 156Page - STMicroelectronics SPEAR1340 Datasheet HTML 157Page - STMicroelectronics SPEAR1340 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 200 page
background image
Timing characteristics
SPEAr1340
154/200
Doc ID 023063 Rev 4
5.4
CAM timing characteristics
This section describes the timing characteristics of the four camera input interfaces which
can work on the clock rising edge or on the clock falling edge.
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs and CAMx_PIXCLK and using PLL1 as the clock source for the timing extractions.
Figure 19.
CAM timing waveform
1.
x = 1..4.
Table 62.
CAMx timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
CAMx_PIXCLK clock period
6.5
ns
TCLKhigh
CAMx_PIXCLK pulse high
2.9
ns
TCLKlow
CAMx_PIXCLK pulse low
2.9
ns
CAM1
Tspos
Setup time for CAM1 data respect to clock rising edge
5.4
ns
Thpos
Hold time for CAM1 data respect to clock rising edge
-0.7
ns
Tsneg
Setup time for CAM1 data respect to clock falling edge
5.6
ns
Thneg
Hold time for CAM1 data respect to clock falling edge
-0.8
ns
CAM2
Tspos
Setup time for CAM2 data respect to clock rising edge
5.7
ns
Thpos
Hold time for CAM2 data respect to clock rising edge
-0.3
ns
Tsneg
Setup time for CAM2 data respect to clock falling edge
5.9
ns
Thneg
Hold time for CAM2 data respect to clock falling edge
-0.4
ns
Thpos
CAMx_PIXCLK
(input)
CAMx_DATA[0..7],
CAMx_VSYNC,
CAMx_HSYNC
(1)
(with polarity configured as
rising edge)
TCLKhigh
TCLKlow
Tspos
CAMx_DATA[0..7],
CAMx_VSYNC,
CAMx_HSYNC
(1)
(with polarity configured as
falling edge)
Thneg
Tsneg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com