Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 149Page - STMicroelectronics SPEAR1340 Datasheet HTML 150Page - STMicroelectronics SPEAR1340 Datasheet HTML 151Page - STMicroelectronics SPEAR1340 Datasheet HTML 152Page - STMicroelectronics SPEAR1340 Datasheet HTML 153Page - STMicroelectronics SPEAR1340 Datasheet HTML 154Page - STMicroelectronics SPEAR1340 Datasheet HTML 155Page - STMicroelectronics SPEAR1340 Datasheet HTML 156Page - STMicroelectronics SPEAR1340 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
153/200
5.3.2
Cortex-A9 trace timing characteristics
This section describes the timing characteristics for the ARM trace which works on both
rising edge and falling edge of the ARM_TRCCLK clock.
The timing characterization is performed assuming an output load capacitance of 20 pF on
the outputs and using PLL1 as the clock source for the timing extractions.
Figure 18.
ARM trace timing waveform
Table 60.
JTAG timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
ARM_TCK clock period
33.3
ns
TCLKhigh ARM_TCK pulse high
10
ns
TCLKlow ARM_TCK pulse low
10
ns
TD
ARM_TCK to ARM_TDO output delay
4
17
ns
Tsdata
Setup time for ARM_TDI and ARM_TMS data
6
ns
Thdata
Hold time for ARM_TDI and ARM_TMS data
1
ns
Tsreset
Setup time for ARM_TRSTn reset
15
ns
Threset
Hold time for ARM_TRSTn reset
1
ns
Table 61.
ARM trace timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
ARM_TRCCLK clock period
8
ns
TCLKhigh ARM_TRCCLK pulse high
2.9
ns
TCLKlow ARM_TRCCLK pulse low
2.9
ns
TDrise
ARM_TRCCLK to ARM_TRCDATA0..ARM_TRCDATA31,
ARM_TRCCTL output delay
-3.7
4
ns
TDfall
ARM_TRCCLK to ARM_TRCDATA0..ARM_TRCDATA31,
ARM_TRCCTL output delay
-4
3.7
ns
ARM_TRCCLK
ARM_TRCDATA
ARM_TRCCTL
td
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com