Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics SPEAR1340 Datasheet HTML 148Page - STMicroelectronics SPEAR1340 Datasheet HTML 149Page - STMicroelectronics SPEAR1340 Datasheet HTML 150Page - STMicroelectronics SPEAR1340 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
147/200
4.7
Required external components
Some pads require the use of an external resistor. Table 56 lists these pads and the value of
the resistors to be used.
Table 56.
List of required resistors
Pad name
Value
Ball
MIPHY0_REF
487
Ω (± 1%)
R1
USB_TXRTUNE
43.2
Ω (± 1%)
G1
DDRIO_COMP_REXT
332
Ω (± 1%)
AD5
IO_COMP_REXT1_3V3
121 K
Ω (± 1%)
AC21
IO_COMP_REXT2_3V3
121 K
Ω (± 1%)
K19
IO_COMP_REXT1_1V8_3V3
121 K
Ω (± 1%)
K12
IO_COMP_REXT2_1V8_3V3
121 K
Ω (± 1%)
K15
IO_COMP_REXT_2V5_3V3
121 K
Ω (± 1%)
R19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com