Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 143 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 139Page - STMicroelectronics SPEAR1340 Datasheet HTML 140Page - STMicroelectronics SPEAR1340 Datasheet HTML 141Page - STMicroelectronics SPEAR1340 Datasheet HTML 142Page - STMicroelectronics SPEAR1340 Datasheet HTML 143Page - STMicroelectronics SPEAR1340 Datasheet HTML 144Page - STMicroelectronics SPEAR1340 Datasheet HTML 145Page - STMicroelectronics SPEAR1340 Datasheet HTML 146Page - STMicroelectronics SPEAR1340 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 200 page
background image
SPEAr1340
Electrical characteristics
Doc ID 023063 Rev 4
143/200
AC characteristics
Table 50 shows the AC characteristics of IOTYPE4 buffers.
Figure 11.
IOTYPE4 input test setup
Figure 12.
IOTYPE4 output test setup
1.
Parasitic capacitance and inductance are not shown here, but taken into account with measurement setup.
For values of L and C, please refer to Table 49: IOTYPE4 DC characteristics.
Table 50.
Input (I/O) pin capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Receiver characteristics
Cz
Capacitive load at ZI
1
pF
Duty cycle
Duty cycle at ZI
(1)
1.
With input duty cycle of 50% at I/O.
45
55
%
Driver characteristics
CL
Capacitive load at I/O
40
pF
Frequency
Operating frequency
(2)
2.
Output swing from 2.4V to 0.4 V is guaranteed for this operating frequency range.
100
MHz
Duty cycle
Duty cycle at I/O
(3)
3.
With input duty cycle of 50% at A.
45
55
%
IO pad
ZI
CZ
A
IO pad
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com