Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 132Page - STMicroelectronics SPEAR1340 Datasheet HTML 133Page - STMicroelectronics SPEAR1340 Datasheet HTML 134Page - STMicroelectronics SPEAR1340 Datasheet HTML 135Page - STMicroelectronics SPEAR1340 Datasheet HTML 136Page - STMicroelectronics SPEAR1340 Datasheet HTML 137Page - STMicroelectronics SPEAR1340 Datasheet HTML 138Page - STMicroelectronics SPEAR1340 Datasheet HTML 139Page - STMicroelectronics SPEAR1340 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 200 page
background image
Electrical characteristics
SPEAr1340
136/200
Doc ID 023063 Rev 4
4.3.2
Real-time clock (RTC)
External clock generated from a crystal oscillator
Figure 8.
RTC crystal connection
1.
CL1 and CL2 are the load capacitors.
The value of the capacitors depends on the type of the selected crystal. To calculate the
value of the load capacitance, use the formula given below.
Formula
C
L
C
L1
C
L2
×
C
L1
C
L2
+
--------------------------
C
s
+
=
Where CL1 and CL2 are the load capacitors and CS is the circuit stray capacitance.
In our application:
CL1 = CL2 = Cext
This implies:
Cext = (CL-CS)*2
Table 44.
RTC oscillator characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fOSC_IN
Oscillator frequency
32.768
kHz
ESR
Equivalent series
resistance
6000
Ω
gm
Oscillator
transconductance
Startup
12
25
µA/V
tSU
Startup time
Stabilized power on
RTC_VDD1V5 pin
1.5
fOSC_IN
cycles
GND
32.768 kHz
CL1
CL2
(1)
(1)
RTC_XI
RTC_XO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com