Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 130 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 130 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 126Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 127Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 128Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 129Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 130Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 131Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 221 page
background image
Part Number
Dimensions (mm)
WT
Bulk Bag
Bulk Case
ø180mm Reel
Paper Tape
Embossed Tape
Paper Tape
Embossed Tape
D
Bulk : B
Tray : T
C
L
Packaging Code
JK
ø330mm Reel
L
Quantity (pcs.)
s Minimum Quantity Guide
1) 4mm width, 1mm pitch Embossed Taping.
2) There are parts without bulk case package.
3) Tray
4) LLL15: ø180mm Reel Paper Taping Packaging Code: E, ø330mm Reel Paper Taping Packaging Code: F
Continued on the following page.
High Power Type
High Frequency
Microchip
Array
Low ESL
GRM02
GRM03
GRM15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
GJM03
GJM15
GQM18
GQM21
GQM22
GMA0D
GMA05
GMA08
GMD03
GMD15
GNM0M
GNM1M
GNM21
GNM31
LLL15
LLL18/LLR18
LLL21
LLL31
LLA18
LLA21
LLA31
LLM21
LLM31
0.4
0.6
1.0
1.6
2.0
3.2
3.2
4.5
5.7
0.6
1.0
1.6
2.0
2.8
0.38
0.5
0.8
0.6
1.0
0.9
1.37
2.0
3.2
0.5
0.8
1.25
1.6
1.6
2.0
3.2
2.0
3.2
0.2
0.3
0.5
0.8
1.25
1.6
2.5
3.2
5.0
0.3
0.5
0.8
1.25
2.8
0.38
0.5
0.8
0.3
0.5
0.6
1.0
1.25
1.6
1.0
1.6
2.0
3.2
0.8
1.25
1.6
1.25
1.6
0.2
0.3
0.25/0.3
0.5
0.5
0.8
0.6
0.85
1.0/1.25
0.6/0.85
1.15
1.6
0.85
1.15
1.35
1.6
1.15
2.5
2.8
1.15
2.5
3.2
0.3
0.5
0.7/0.8
0.85
1.15
0.3
0.35
0.5
0.3
0.5
0.45
0.5/0.6/0.8
0.5/0.6/0.85
0.8/0.85
1.0/1.15
0.3
0.5
0.5/0.6
0.85
0.5/0.7
1.15
0.5
0.5
0.85
0.5
0.85
1.15
0.5
0.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
1,000
1,000
500
500
1,000
1,000
1,000
1,000
1,000
400
3)
400
3)
400
3)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
-
-
-
50,000
2)
-
15,000
2)
10,000
-
5,000
2)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50,000
50,000
50,000
10,000
10,000
10,000
10,000
-
10,000
-
-
10,000
-
-
-
-
-
-
-
-
-
-
-
-
50,000
50,000
10,000
10,000
-
-
-
-
50,000
50,000
50,000
10,000
10,000
10,000
-
50,000
4)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
10,000
-
10,000
6,000
-
10,000
8,000
6,000
4,000
5,000
4,000
2,000
1,500
5,000
4,000
2,000
1,500
-
-
-
-
4,000
-
-
-
-
-
-
-
-
-
10,000
-
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
-
15,000
10,000
10,000
4,000
4,000
4,000
4,000
-
4,000
-
-
4,000
-
-
-
-
-
-
-
-
-
-
-
-
15,000
10,000
4,000
4,000
-
-
-
-
15,000
10,000
10,000
4,000
4,000
4,000
-
10,000
4)
-
-
-
-
-
-
-
-
-
-
-
-
-
40,000
1)
-
-
-
-
-
-
-
3,000
-
3,000
2,000
-
3,000
2,000
2,000
1,000
1,000
1,000
500
500
1,000
1,000
500
300
-
-
-
-
1,000
-
-
-
-
-
-
-
-
-
3,000
-
4,000
4,000
3,000
4,000
3,000
4,000
4,000
3,000
4,000
3,000
3,000
4,000
4,000
1.35/1.6
1.8/2.0
1.8/2.0
2.5
1.35/1.6
1.8/2.0
For General
Purpose
Package
128
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com