Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 131 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 131 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 127Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 128Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 129Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 130Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 131Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 221 page
background image
s Tape Carrier Packaging
(1) Dimensions of Reel
2.0
±0.5
ø180mm Reel
5
±1.5 for 4mm wide tape
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
(2) Dimensions of Paper Tape
4.0
±0.1
8mm width, 4mm pitch Tape
8mm width, 2mm pitch Tape
ø1.5
+0.1
-0
4.0
±0.1
1.75
±0.1
1.1 max.
Direction of Feed
A
2.0
±0.1
A
Part Number
B
GRM18
GQM18
GNM1M
GRM21
(T
V0.85mm)
GQM21
GNM21
GRM31
(T
V0.85mm)
GNM31
(T
V0.8mm)
GRM32
(T
V0.85mm)
1.05
±0.1
2.0
±0.2
2.8
±0.2
1.55
±0.15
1.85
±0.1
3.6
±0.2
3.6
±0.2
2.3
±0.15
1.17
±0.05
1.55
±0.05
GNM0M
0.72
1.02
A*
Part Number
B*
GJM03
GRM03
GMD03
GJM15
GRM15
GMD15
LLL15
0.37
0.67
0.65
1.15
*Nominal Value
(in mm)
(in mm)
2.0
±0.05
ø1.5
+0.1
-0
A
4.0
±0.1
2.0
±0.1
1.75
±0.1
0.5 max.
(GJM03/GRM03/GMD03)
0.8 max.
(GJM15/GRM15/GMD15
LLL15/GNM0M)
Direction of Feed
ø330mm Reel
2.0
±0.5
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
Continued on the following page.
Continued from the preceding page.
Package
129
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com