Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 143 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 143 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 221 page
background image
!Caution
6. Electrical Test on Printed Circuit Board
1. Confirm position of the support pin or specific jig, when
inspecting the electrical performance of a capacitor after
mounting on the printed circuit board.
1-1. Avoid bending printed circuit board by the pressure
of a test pin, etc.
The thrusting force of the test probe can flex the PCB,
resulting in cracked chips or open solder joints.
Provide support pins on the back side of the PCB to
prevent warping or flexing.
1-2. Avoid vibration of the board by shock when a test pin
contacts a printed circuit board.
7. Printed Circuit Board Cropping
1. After mounting a capacitor on a printed circuit board, do
not apply any stress to the capacitor that is caused by
bending or twisting the board.
1-1. In cropping the board, the stress as shown right may
cause the capacitor to crack.
Try not to apply this type of stress to a capacitor.
2. Ascertain of the cropping method for the printed circuit
board in advance.
2-1. Printed circuit board cropping shall be carried out by
using a jig or an apparatus to prevent the mechanical
stress that can occur to the board.
(1) Example of a suitable jig
Recommended example: the board should be
pushed as close to the cropping jig as possible
and from the back side of board in order to
minimize the compressive stress applied to
capacitor.
Not recommended example: when the board is
pushed at a point far from the cropping jig and
from the front side of board as below, the
capacitor may form a crack caused by the tensile
stress applied to capacitor.
Continued from the preceding page.
Continued on the following page.
[Not Recommended]
[Recommended]
Peeling
Test-pin
Support Pin
Test-pin
[Bending]
[Twisting]
[Outline of Jig]
Load Point
Load Point
Board Cropping Jig
V-groove
Printed Circuit Board
Components
Components
Printed Circuit Board
Direction of Load
Direction of Load
Printed Circuit Board
Not recommended
Recommended
!Caution
141
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com