Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 145 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 145 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 221 page
background image
!Caution
1. Under Operation of Equipment
1-1. Do not touch a capacitor directly with bare hands
during operation in order to avoid the danger of an
electric shock.
1-2. Do not allow the terminals of a capacitor to come in
contact with any conductive objects (short-circuit).
Do not expose a capacitor to a conductive liquid,
including any acid or alkali solutions.
1-3. Confirm the environment in which the equipment will
operate is under the specified conditions.
Do not use the equipment under the following
environments.
(1) Being spattered with water or oil.
(2) Being exposed to direct sunlight.
(3) Being exposed to Ozone, ultraviolet rays or
radiation.
(4) Being exposed to toxic gas (e.g., hydrogen sulfide,
sulfur dioxide, chlorine, ammonia gas, etc.)
(5) Any vibrations or mechanical shocks exceeding
the specified limits.
(6) Moisture condensing environments.
1-4. Use damp proof countermeasures if using under any
conditions that can cause condensation.
2. Others
2-1. In an Emergency
(1) If the equipment should generate smoke, fire or
smell, immediately turn off or unplug the
equipment.
If the equipment is not turned off or unplugged,
the hazards may be worsened by supplying
continuous power.
(2) In this type of situation, do not allow face and
hands to come in contact with the capacitor or
burns may be caused by the capacitor's high
temperature.
2-2. Disposal of Waste
When capacitors are disposed, they must be burned
or buried by an industrial waste vendor with the
appropriate licenses.
2-3. Circuit Design
GRM, GCM, GMA/D, LLL/A/M, GQM, GJM, GNM
Series capacitors in this catalog are not safety
certified products.
2-4. Remarks
Failure to follow the cautions may result, worst case,
in a short circuit and smoking when the product is
used.
The above notices are for standard applications and
conditions. Contact us when the products are used in
special mounting conditions.
Select optimum conditions for operation as they
determine the reliability of the product after assembly.
The data herein are given in typical values, not
guaranteed ratings.
s Others
!Caution
143
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com