Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 177 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 177 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 173Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 174Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 175Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 176Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 177Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 178Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 179Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 180Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 181Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 221 page
background image
176
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors (Medium Voltage)
For LCD Backlight Inverter Circuit GRM/DC3.15kV Series
Part Number
LW
T
Dimensions (mm)
e min.
g min.
2.9
0.3
GRM42A
2.0
±0.2
4.5
±0.3
L
W
e
e
g
1.0 +0, - 0.3
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GRM42A5C3F050DW01L
DC3150
C0G (EIA)
5.0
±0.5pF
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F100JW01L
DC3150
C0G (EIA)
10
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F120JW01L
DC3150
C0G (EIA)
12
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F150JW01L
DC3150
C0G (EIA)
15
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F180JW01L
DC3150
C0G (EIA)
18
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F220JW01L
DC3150
C0G (EIA)
22
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F270JW01L
DC3150
C0G (EIA)
27
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F330JW01L
DC3150
C0G (EIA)
33
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F390JW01L
DC3150
C0G (EIA)
39
±5%
4.5
2.0
1.0
2.9
0.3 min.
GRM42A5C3F470JW01L
DC3150
C0G (EIA)
47
±5%
4.5
2.0
1.0
2.9
0.3 min.
s Features
1. Low-loss and suitable for high frequency circuits
2. Murata's original internal electrode structure
realizes high flash-over voltage.
3. A new monolithic structure for small, surface-
mountable devices capable of operating at high
voltage levels.
4. Sn-plated external electrodes realize good
solderability.
5. Only for reflow soldering
6. Capacitance values less than 22pF can be used in
LCD backlight inverter circuits as long as
the applied voltage, peak to peak, is less
than 4.0kV at 100kHz or less.
s Applications
Ideal for use as the ballast in LCD backlight
inverter.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com