Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 181 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 181 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 177Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 178Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 179Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 180Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 181Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 182Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 183Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 184Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 185Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 221 page
background image
Only for Information Devices Specifications and Test Methods
Continued on the following page.
* "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Solder the capacitor to the test jig (glass epoxy board).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should be applied
for a period of 2 hrs. in each of 3 mutually perpendicular
directions (total of 6 hrs.).
11
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
0.025 max.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 1.
Then apply 10N force in the direction of the arrow.
The soldering should be done using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
Fig. 1
10
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
The capacitance measurement should be made at each step
specified in the Table.
#Pretreatment
Perform a heat treatment at 150
W0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*
9
Capacitance
Temperature
Characteristics
Cap. Change
within
T15%
(Temp. Range:
Y55 to W125D)
8
Dissipation
Factor (D.F.)
0.025 max.
The capacitance/D.F. should be measured at a frequency of
1
T0.2kHz and a voltage of AC1T0.2V(r.m.s.)
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with DC500
T50V
and within 60
T5 sec. of charging.
6
Insulation Resistance
(I.R.)
More than 6,000M
Ω
10 impulses of alternating polarity are subjected.
(5 impulses for each polarity)
The interval between impulses is 60 sec.
Applied Pulse: 1.2/50
µs
Applied Voltage: 2.5kVo-p
5
Pulse Voltage
No self healing breakdowns or flash-overs have taken place in
the capacitor.
No failure should be observed when voltage in the table is
applied between the terminations, provided the charge/discharge
current is less than 50mA.
4
Dielectric Strength
No defects or abnormalities
Using calipers and micrometers
3
Dimensions
Within the specified dimensions
Visual inspection
2
Appearance
No defects or abnormalities
Y
1
Operating
Temperature Range
Y55 to W125D
No.
Test Method
Specifications
Item
Rated Voltage
Test Voltage
120% of the rated voltage
AC1500V(r.m.s.)
Time
60
T1 sec.
60
T1 sec.
DC2kV
Step
Temperature (
D)
25
T2
Min. Operating Temp.
T3
25
T2
Max. Operating Temp.
T2
25
T2
1
2
3
4
5
10N, 10
T1s
Glass Epoxy Board
Solder resist
Cu
Glass Epoxy Board
GR4 Series Specifications and Test Methods
180
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com